Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 113 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 116Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 148 page
background image
User EPROM
Mask Option Register
MC68HC705E5 — Rev. 1.0
General Release Specification
User EPROM
13.5 Mask Option Register
The MOR contains programmable EPROM bits to control mask options.
The MOR register is latched upon reset going away.
STOPEN — STOP Enable
When set, STOP is enabled.
CPI1, CPI0 — CPI Rate bits
READ:
Any time
WRITE: In special modes, writing these bits activates the function
without having to program it and can be written many times.
In user mode, writing has no effect. These bits must be
programmed. Refer to Table 13-2.
IRQ — IRQ sensitivity
1 = This bit selects the edge and level sensitive IRQ.
0 = This bit selects the edge-only sensitive IRQ (EPROM erased
state).
Address:
$1F00
Bit 7
654321
Bit 0
Read:
—
—
—
STOPEN
CPI1
CPI0
IRQ
COP
Write::
Reset:
00001000
Figure 13-5. Mask Option Register (MOR)
Table 13-2. CPI Rate
CPI1
CPI0
Interrupt Rate
0
X
1 Second CPI Rate
1
0
0.5 Second CPI Rate
1
1
0.25 Second CPI Rate
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com