Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 143 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 143 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 139Page - Texas Instruments CC1010-RTR1 Datasheet HTML 140Page - Texas Instruments CC1010-RTR1 Datasheet HTML 141Page - Texas Instruments CC1010-RTR1 Datasheet HTML 142Page - Texas Instruments CC1010-RTR1 Datasheet HTML 143Page - Texas Instruments CC1010-RTR1 Datasheet HTML 144Page - Texas Instruments CC1010-RTR1 Datasheet HTML 145Page - Texas Instruments CC1010-RTR1 Datasheet HTML 146Page - Texas Instruments CC1010-RTR1 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 152 page
background image
CC1010
SWRS047
Page 143 of 152
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Page
0xC5
CRPDAT
CRPDAT7
CRPDAT6
CRPDAT5
CRPDAT4
CRPDAT3
CRPDAT2
CRPDAT1
CRPDAT0
00000000
77
0xC6
CRPCNT
CRPCNT7
CRPCNT6
CRPCNT5
CRPCNT4
CRPCNT3
CRPCNT2
CRPCNT1
CRPCNT0
00000000
77
0xC7
RANCON
-
-
-
-
-
-
RANEN
RANBIT
00000000
78
0xC8
RFMAIN
RXTX
F_REG
RX_PD
TX_PD
FS_PD
CORE_PD
BIAS_PD
-
00111000
89
0xC9
RFBUF
RFBUF7
RFBUF6
RFBUF5
RFBUF4
RFBUF3
RFBUF2
RFBUF1
RFBUF0
00000000
95
0xCA
FREQ_0A
FREQ_A7
FREQ_A6
FREQ_A5
FREQ_A4
FREQ_A3
FREQ_A2
FREQ_A1
FREQ_A0
11001011
108
0xCB
FREQ_1A
FREQ_A15
FREQ_A14
FREQ_A13
FREQ_A12
FREQ_A11
FREQ_A10
FREQ_A9
FREQ_A8
10100000
108
0xCC
FREQ_2A
FREQ_A23
FREQ_A22
FREQ_A21
FREQ_A20
FREQ_A19
FREQ_A18
FREQ_A17
FREQ_A16
01110101
108
0xCD
FREQ_0B
FREQ_B7
FREQ_B6
FREQ_B5
FREQ_B4
FREQ_B3
FREQ_B2
FREQ_B1
FREQ_B0
01001110
109
0xCE
FREQ_1B
FREQ_B15
FREQ_B14
FREQ_B13
FREQ_B12
FREQ_B11
FREQ_B10
FREQ_B9
FREQ_B8
10100101
108
0xCF
FREQ_2B
FREQ_B23
FREQ_B22
FREQ_B21
FREQ_B20
FREQ_B19
FREQ_B18
FREQ_B17
FREQ_B16
01110101
108
0xD0
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
00000000
23
0xD1
X32CON
-
-
-
-
-
X32_BYPASS
X32_PD
CMODE
00000010
36
0xD2
WDT
-
-
-
WDTSE
WDTEN
WDTCLR
WDTPRE1
WDTPRE0
00001011
63
0xD3
PDET
PEN
PLEN6
PLEN5
PLEN4
PLEN3
PLEN2
PLEN1
PLEN0
00000000
102
0xD4
BSYNC
BSYNC7
BSYNC6
BSYNC5
BSYNC4
BSYNC3
BSYNC2
BSYNC1
BSYNC0
00000000
102
0xD5
-
-
-
-
-
-
-
-
-
00000000
-
0xD6
-
-
-
-
-
-
-
-
-
00000000
-
0xD7
-
-
-
-
-
-
-
-
-
00000000
-
0xD8
EICON
-
-
FDIE
FDIF
RTCIF
-
-
-
01000000
30
0xD9
MODEM2
-
PLO6
PLO5
PLO4
PLO3
PLO2
PLO1
PLO0
00010110
100
0xDA
MODEM1
-
LOCK_AVG_IN
LOCK_AVG_MO
LOCK_AVG_STA
SETTLING1
SETTLING0
PEAKDETECT
MODEM_RESET
00101111
98
0xDB
MODEM0
BAUDRATE2
BAUDRATE1
BAUDRATE0
DATA_FORMAT1
DATA_FORMAT0
XOSC_FREQ2
XOSC_FREQ1
XOSC_FREQ0
01110001
92
0xDC
MATCH
RX_MATCH3
RX_MATCH2
RX_MATCH1
RX_MATCH0
TX_MATCH3
TX_MATCH2
TX_MATCH1
TX_MATCH0
00000000
120
0xDD
FLTIM
-
-
FLWCTIME5
FLWCTIME4
FLWCTIME3
FLWCTIME2
FLWCTIME1
FLWCTIME0
00001010
43
0xDE
-
-
-
-
-
-
-
-
-
00000000
-
0xDF
-
-
-
-
-
-
-
-
-
00000000
-
0xE0
ACC
ACC7
ACC6
ACC5
ACC4
ACC3
ACC2
ACC1
ACC0
00000000
23
0xE1
CURRENT
VCO_CURRENT3
VCO_CURRENT2
VCO_CURRENT1
VCO_CURRENT0
LO_DRIVE1
LO_DRIVE0
PA_DRIVE1
PA_DRIVE0
11001010
118
0xE2
PA_POW
PA_HIGHPOWER
PA_HIGHPOWER
PA_HIGHPOWER
PA_HIGHPOWER
PA_LOWPOWER
PA_LOWPOWER
PA_LOWPOWER
PA_LOWPOWER
00001111
123
0xE3
PLL
REFDIV4
REFDIV3
REFDIV2
REFDIV1
REFDIV0
ALARM_DISABL
ALARM_H
ALARM_L
000100xx
109
0xE4
LOCK
-
-
-
-
PLL_LOCK_
ACCURACY
PLL_LOCK_
LENGTH
LOCK_INSTANT
LOCK_
CONTINUOUS
000000xx
110
0xE5
CAL
CAL_START
CAL_DUAL
CAL_WAIT
CAL_CURRENT
CAL_COMPLETE
CAL_ITERATE2
CAL_ITERATE1
CAL_ITERATE0
00000101
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com