Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 140 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 140 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 136Page - Texas Instruments CC1010-RTR1 Datasheet HTML 137Page - Texas Instruments CC1010-RTR1 Datasheet HTML 138Page - Texas Instruments CC1010-RTR1 Datasheet HTML 139Page - Texas Instruments CC1010-RTR1 Datasheet HTML 140Page - Texas Instruments CC1010-RTR1 Datasheet HTML 141Page - Texas Instruments CC1010-RTR1 Datasheet HTML 142Page - Texas Instruments CC1010-RTR1 Datasheet HTML 143Page - Texas Instruments CC1010-RTR1 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 152 page
background image
CC1010
SWRS047
Page 140 of 152
27. List of Abbreviations
•
ADC - Analog to Digital Converter
•
AMR – Automatic Meter Reading
•
CFB - Cipher Feedback Mode
•
CMOS – Complementary Metal Oxide
Semiconductor
•
CPU – Central Processor Unit
•
DES - Data Encryption Standard
•
DMA - Direct Memory Access
•
FCC – Federal Communication
Committee
•
FSK - Frequency Shift Keying
•
IDE – Integrated Development
Environment
•
IF - Intermediate Frequency
•
ISM – Industrial Scientific Medical
•
ISR - Interrupt Service Routine
•
LNA - Low Noise Amplifier
•
LO - Local Oscillator
•
LPF - Loop Filter
•
LSB - Least Significant Bit (or Byte)
•
MOQ – Minimum Order Quantity
•
MSB - Most Significant Bit (or Byte)
•
NRZ - Non Return to Zero
•
OFB - Output Feedback Mode
•
PCB - Printed Circuit Board
•
PLL - Phase Locked Loop
•
POR - Power On Reset
•
PWM - Pulse Width Modulation
•
RAM – Random Access Memory
•
RF - Radio Frequency
•
RSSI - Received Signal Strength
Indicator
•
RTC – Real-Time Clock
•
RX - Receive
•
SFR - Special Function Register
•
SPI - Serial Peripheral Interface
•
SRAM – Static RAM
•
SRD - Short Range Device
•
TQFP - Thin Quad Flat Pack
•
TBD – To Be Defined
•
TX - Transmit
•
UART - Universal Asynchronous
Receiver/Transmitter
•
UHF – Ultra High Frequency
•
VCO - Voltage Controlled Oscillator
•
XOSC - Crystal Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com