Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 136 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 136 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 132Page - Texas Instruments CC1010-RTR1 Datasheet HTML 133Page - Texas Instruments CC1010-RTR1 Datasheet HTML 134Page - Texas Instruments CC1010-RTR1 Datasheet HTML 135Page - Texas Instruments CC1010-RTR1 Datasheet HTML 136Page - Texas Instruments CC1010-RTR1 Datasheet HTML 137Page - Texas Instruments CC1010-RTR1 Datasheet HTML 138Page - Texas Instruments CC1010-RTR1 Datasheet HTML 139Page - Texas Instruments CC1010-RTR1 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 152 page
background image
CC1010
SWRS047
Page 136 of 152
Symbol
Dimensions (mm)
Remarks
A
1.20 max
Overall height
A1
0.05 - 0.15
Standoff
A2
1.00
± 0.05
Package thickness
D
12.00
± 0.20
Terminal dimension
D1
9.95
± 0.10
Top package width
D3
10.00
± 0.10
Bottom package width
E
12.00
± 0.20
Terminal dimension
E1
9.95
± 0.10
Top package length
E3
10.00
± 0.10
Bottom package length
R1
0.08 Min
First radius
R2
0.15 Ref.
Second radius
β
0
° - 7°
Foot angle
β1
0
° Min
Shoulder angle
β2
12
°
Top draft angle
β3
12
°
Bottom draft angle
C
0.09 - 0.20
Lead thickness
L
0.60
± 0.15
Foot length
L1
1.0 Ref
Lead length
S
0.20 Min.
-
Ccc
0.080 Max
Coplanarity
Ddd
0.080 Max
Bent lead
e
0.50
Lead pitch
b
0.17 - 0.27
Lead tip width
Table 40. TQFP-64 package dimensions
21. Soldering Information
The recommended soldering profiles for both leaded and Pb-free packages are according to
IPC/JEDEC J-STD-020B, July 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com