Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 132 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 132 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 128Page - Texas Instruments CC1010-RTR1 Datasheet HTML 129Page - Texas Instruments CC1010-RTR1 Datasheet HTML 130Page - Texas Instruments CC1010-RTR1 Datasheet HTML 131Page - Texas Instruments CC1010-RTR1 Datasheet HTML 132Page - Texas Instruments CC1010-RTR1 Datasheet HTML 133Page - Texas Instruments CC1010-RTR1 Datasheet HTML 134Page - Texas Instruments CC1010-RTR1 Datasheet HTML 135Page - Texas Instruments CC1010-RTR1 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 152 page
background image
CC1010
SWRS047
Page 132 of 152
configured to control an external LNA,
RX/TX switch or power amplifier.
19.6 Frequency hopping spread
spectrum systems
Due to the very fast frequency shift
properties of the PLL, the
CC1010 is very
suitable for frequency hopping systems.
Hop rates of 10-1000 hops/s are usually
used depending on the bit rate and the
amount of data to be sent during each
transmission. The two frequency registers
(FREQ_A and FREQ_B) are designed such
that
the
‘next’
frequency
can
be
programmed while the ‘present’ frequency
is used. The switching between the two
frequencies
is
done
through
the
RFMAIN.F_REG control bit. Frequency
hopping improves the reliability and
increases the security of a wireless link.
The US ISM band at 902 – 928 MHz is
very
suitable
for
frequency
hopping
protocols. The FCC regulations allow the
use of transmitted output powers up to 1W
if frequency hopping is used and certain
requirements
are
met.
Please
see
application note AN001 SRD regulations
for licence free transceiver operation for
more information about this and other
radio regulations issues.
19.7 Software
Chipcon provides world-class software
support for the
CC1010.
The HAL (Hardware Abstraction Library)
library provides easy-to-use functions and
macros to access the
CC1010 hardware
without having to access SFRs directly. It
also
provides
functions
simple
RF
communications routines.
The CUL (Chipcon Utility Library) library
contains
more
sophisticated
RF
communication routines with support for
CRC
checking,
automatic
acknowledgment and retransmission.
Both libraries are supplied with full source
code, and are documented in the
CC1010
IDE User Manual.
Chipcon also supplies a wide range of
examples for the
CC1010. These examples
include simple examples, which show off
the various features of the
CC1010, as well
as examples showing RF communication
and more sophisticated application-related
examples. Source code as well as pre-
compiled HEX files are available for all
examples. A ZIP file including all examples
and documentation is available from the
Chipcon web pages. Make sure to check
the web pages regularly, as improvements
to existing examples as well as all-new
examples are added as they are available.
19.8 Development tools
Chipcon
supplies
a
full-featured
development kit for the
CC1010 that
includes everything you need to start and
finish your design. The development kit is
documented in the CC1010DK User
Manual.
The
development
kit
includes
an
evaluation version of the Keil C compiler;
this is limited to a code size of 2 kBytes. If
the
user
wishes
to
compile
larger
programs, a full version of the compiler
must be purchased from Keil. The Keil
development environment supports in-
circuit debugging using the second serial
port.
The
CC1010 is supported by several
compiler vendors. More information about
compiler support can be found on
Chipcon’s web pages.
19.9 PA “splattering”
In systems where the PA is turned on and
off rapidly, for example in a system that
switches rapidly between RX and TX, so-
called “splattering” may occur. This will
result in a very wide RF spectrum that may
intrude into neighbouring channels or
extend out of band. To minimise this
effect, Chipcon recommends that the
PA_POW register be used to turn the PA
gradually on and off. The optimal pattern is
to follow the sequence 0x00, 0x01, 0x1E,
0x8F, 0xEF when going from RX to TX
and consequently using 0xEF, 0x8F,
0x1E, 0x01, 0x00 when going from TX to
RX. PA_POW should be left set to 0x00 in
RX mode and 0xEF in TX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com