Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 129 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 129 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 125Page - Texas Instruments CC1010-RTR1 Datasheet HTML 126Page - Texas Instruments CC1010-RTR1 Datasheet HTML 127Page - Texas Instruments CC1010-RTR1 Datasheet HTML 128Page - Texas Instruments CC1010-RTR1 Datasheet HTML 129Page - Texas Instruments CC1010-RTR1 Datasheet HTML 130Page - Texas Instruments CC1010-RTR1 Datasheet HTML 131Page - Texas Instruments CC1010-RTR1 Datasheet HTML 132Page - Texas Instruments CC1010-RTR1 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 152 page
background image
CC1010
SWRS047
Page 129 of 152
18. Reserved registers and test registers
The
CC1010 contains a few registers
intended for test purposes only. Normally
these registers should not be written to.
The FSHAPEn, FSDELAY and FSCTRL
registers are reserved for future use. A
separate reset signal for the PLL is
available in FSCTRL.FS_RESET_N. This
will reset the frequency divider part of the
PLL. The reset is active when a zero is
written, and a one must be written for the
reset
to
be
released.
FSCTRL.EXT_FILTER can be set in order
to use an external PLL loop filter.
However, this is not recommended in a
normal application.
The PRESCALER register controls the
prescaler current, and should always be
set to 0x00 (which is the reset state).
The TESTMUX register is not needed for
normal operation of
CC1010, but is included
here for completeness. TESTMUX should
always be set to 0x00.
TESTMUX
P0.2
P0.1
P0.0
0000
Normal operation
Normal operation
Normal operation
0001
CLK_REF
CLK_PHASE_DET_OUT
MODEM_TX_OUT
0010
LOCK_DET_CONTINUOUS
LOCK_DET_INSTANT
ANALOG_WINDOW_SYNC
0011
SER_PAR_IRQ
TIMER2_IRQ
TIMER3_IRQ
0100
RTC_IRQ
ADC_IRQ
DES_IRQ
0101
ANALOG_ALARM_H
ANALOG_ALARM_L
CAL_DIG_COMPLETE
0110
MODEM_BIT_CLK
MODEM_RX_DATA
ANALOG_IF_OUT
0111
MODEM_BIT_CLK
MODEM_TX_DATA
MODEM_TX_OUT
1000
ADC_SAR_ADCCLK_EN
ANALOG_COMP
ADC_SAR_EOC
1001
CLK_RTC
RTC_IRQ
CLK_UC
1010
DES_DEBUG_0
1011
DES_DEBUG_1
1100
DES_DEBUG_2
1101
DES_DEBUG_3
1110
FLASH_WRITE_IRQ
1111
CAL_DIG_COMPLETE
Table 39. TESTMUX modes
FSHAPEn (0xF1 - 0xF7), n
∈1..7 - Frequency Shaping Register n
Bit
Name
R/W
Reset value
Description
7:5
-
R0
0x00
Reserved, read as 0
4:0
FSHAPEn (4:0)
R/W
0xXX
Reserved for future use.
FSDELAY (0xE9) - Frequency Shaping Delay Control Register
Bit
Name
R/W
Reset value
Description
7:0
FSDELAY (7:0)
R/W
0x2F
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com