Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 127 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 127 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 123Page - Texas Instruments CC1010-RTR1 Datasheet HTML 124Page - Texas Instruments CC1010-RTR1 Datasheet HTML 125Page - Texas Instruments CC1010-RTR1 Datasheet HTML 126Page - Texas Instruments CC1010-RTR1 Datasheet HTML 127Page - Texas Instruments CC1010-RTR1 Datasheet HTML 128Page - Texas Instruments CC1010-RTR1 Datasheet HTML 129Page - Texas Instruments CC1010-RTR1 Datasheet HTML 130Page - Texas Instruments CC1010-RTR1 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 152 page
background image
CC1010
SWRS047
Page 127 of 152
17.21 IF output
CC1010 has a built-in 10.7 MHz IF output
buffer.
This buffer can be used in
applications requiring image frequency
rejection. The system is then built with
CC1010, a 10.7 MHz ceramic filter, SAW
front-end filter and an external 10.7 MHz
demodulator. The matching network for an
external IF filter is shown in Figure 43.
R281 = 470
Ω, C281 = 3.3nF. This
external network provides a 330
Ω source
impedance for the 10.7 MHz ceramic filter.
AD2 (RSSI/IF)
CC1010
R281
C281
To 10.7MHz filter
and demodulator
Figure 43. IF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com