Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 126 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 126 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 122Page - Texas Instruments CC1010-RTR1 Datasheet HTML 123Page - Texas Instruments CC1010-RTR1 Datasheet HTML 124Page - Texas Instruments CC1010-RTR1 Datasheet HTML 125Page - Texas Instruments CC1010-RTR1 Datasheet HTML 126Page - Texas Instruments CC1010-RTR1 Datasheet HTML 127Page - Texas Instruments CC1010-RTR1 Datasheet HTML 128Page - Texas Instruments CC1010-RTR1 Datasheet HTML 129Page - Texas Instruments CC1010-RTR1 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 152 page
background image
CC1010
SWRS047
Page 126 of 152
17.20 RSSI Output
CC1010 has a built-in RSSI (Received
Signal Strength Indicator) giving an analog
output signal at the AD2(RSSI/IF) pin.
RSSI
is
enabled
when
setting
FREND.RSSI (see page 119). The output
current of this pin is then inversely
proportional to the input signal level. The
output should be terminated in a resistor to
convert the current output into a voltage. A
capacitor is used to low-pass filter the
signal.
The RSSI voltage range is from 0 – 1.2 V
when using a 27 k
Ω terminating resistor,
giving approximately 50 dB/V. This RSSI
voltage can be measured by the on-chip
A/D converter using the AD2 input. Note
that a higher voltage means a lower input
signal.
The RSSI measures the power referred to
the RF_IN pin. The input power can be
calculated using the following equations:
P = -48.8 VRSSI– 57.2 [dBm] at 433 MHz
P = -46.9 VRSSI– 53.9 [dBm] at 868 MHz
The external network for RSSI operation is
shown in
Figure 41. R281 = 27 k
Ω, C281 = 1nF.
A typical plot of RSSI voltage as function
of input power is shown in Figure 42.
When using the on-chip A/D converter, set
ADCON = 0x06 to initiate a single
conversion using VDD as reference. The
converted RSSI voltage can then be read
from the ADDATH and ADDATL registers.
CC1010
AD2 (RSSI/IF)
C281
R281
Figure 41. RSSI circuit
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
1,1
1,2
1,3
-105 -100 -95
-90
-85
-80
-75
-70
-65
-60
-55
-50
dBm
433Mhz
868Mhz
Figure 42. Typical RSSI voltage vs. input
power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com