Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 124 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 124 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 120Page - Texas Instruments CC1010-RTR1 Datasheet HTML 121Page - Texas Instruments CC1010-RTR1 Datasheet HTML 122Page - Texas Instruments CC1010-RTR1 Datasheet HTML 123Page - Texas Instruments CC1010-RTR1 Datasheet HTML 124Page - Texas Instruments CC1010-RTR1 Datasheet HTML 125Page - Texas Instruments CC1010-RTR1 Datasheet HTML 126Page - Texas Instruments CC1010-RTR1 Datasheet HTML 127Page - Texas Instruments CC1010-RTR1 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 152 page
background image
CC1010
SWRS047
Page 124 of 152
-30,0
-20,0
-10,0
0,0
10,0
20,0
30,0
40,0
50,0
12
345678
9
A
B
C
D
E
F 10 20 30 40 50 60 70 80 90 A0 B0 C0 D0 E0 F0 FF
PA_POW (Hexadecimal)
Output power
Current consumption
Figure 39. Typical output power and total current consumption, 433 MHz
-50,0
-40,0
-30,0
-20,0
-10,0
0,0
10,0
20,0
30,0
40,0
01
2345
678
9
A
B
C
D E
F 10 20 30 40 50 60 70 80 90 A0 B0 C0 D0 E0 F0 FF
PA_POW [Hexadecimal]
Output power
Current consumption
Figure 40. Typical output power and total current consumption, 868 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com