Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 24Page - Analog Devices AD9910/PCBZ Datasheet HTML 25Page - Analog Devices AD9910/PCBZ Datasheet HTML 26Page - Analog Devices AD9910/PCBZ Datasheet HTML 27Page - Analog Devices AD9910/PCBZ Datasheet HTML 28Page - Analog Devices AD9910/PCBZ Datasheet HTML 29Page - Analog Devices AD9910/PCBZ Datasheet HTML 30Page - Analog Devices AD9910/PCBZ Datasheet HTML 31Page - Analog Devices AD9910/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
AD9910
Rev. 0 | Page 28 of 60
The direction of the ramping function is controlled by the
DRCTL pin. A Logic 0 on this pin causes the DRG to ramp
with a negative slope, whereas a Logic 1 causes the DRG to
ramp with a positive slope.
The DRG also supports a hold feature controlled via the DRHOLD
pin. When this pin is Logic 1, the DRG is stalled at its last state,
otherwise, the DRG operates normally.
The DDS signal control parameters that are not the destination of
the DRG are taken from the active profile.
DDS CLOCK
DQ
R
LOWER
LIMIT
0
1
DECREMENT STEP SIZE
PRESET
Q
DRCTL
LOAD
CLEAR DIGITAL RAMP ACCUMULATOR
AUTOCLEAR DIGITAL RAMP ACC
.
NO DWELL
LIMIT CONTROL
DIGITALRAMP ACCUMULATOR
INCREMENT STEP SIZE
32
32
0
1
NEGATIVE SLOPE RATE
POSITIVE SLOPE RATE
16
16
32
16
62
DRHOLD 63
32
32
LOAD
CONTROL
LOGIC
LOAD LRR AT I/O_UPDATE
DIGITAL
RAMP
TIMER
ACCUMULATOR
RESET
CONTROL
LOGIC
NO-DWELL
CONTROL
2
32
32
TO DDS
SIGNAL
CONTROL
PARAMETER
UPPER
LIMIT
32
Figure 38. Digital Ramp Generator Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com