Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 34Page - Analog Devices AD9910/PCBZ Datasheet HTML 35Page - Analog Devices AD9910/PCBZ Datasheet HTML 36Page - Analog Devices AD9910/PCBZ Datasheet HTML 37Page - Analog Devices AD9910/PCBZ Datasheet HTML 38Page - Analog Devices AD9910/PCBZ Datasheet HTML 39Page - Analog Devices AD9910/PCBZ Datasheet HTML 40Page - Analog Devices AD9910/PCBZ Datasheet HTML 41Page - Analog Devices AD9910/PCBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
AD9910
Rev. 0 | Page 38 of 60
WAVEFORM START ADDRESS
WAVEFORM END ADDRESS
1
PROFILE0
RAM ADRESS
RAM_SWP_OVER
I/O_UPDATE
1
2
3
4
5
6
7
8
Δ
t
Δ
t
M DDS CLOCK CYCLES
Figure 46. Bidirectional Ramp Timing Diagram
If the PROFILE0 pin changes states before the state machine
reaches the programmed start or end address, the internal timer
is restarted and the direction of the address counter is reversed.
Figure 46 is a graphic representation of the bidirectional ramp
mode. It shows the action of the state machine in response to
the PROFILE0 pin, and the response of the RAM_SWP_OVR pin.
The RAM_SWP_OVR pin switches to Logic 1 when the state
machine reaches the waveform end address. It remains Logic 1
until the state machine reaches the waveform start address and
the PROFILE0 pin transitions from Logic 0 to Logic 1.
The circled numbers in Figure 46 indicate specific events as
follows:
Event 1—An I/O update or profile change activates the RAM
bidirectional ramp mode. The state machine initializes to the
waveform start address and the RAM_SWP_OVR pin is set to
Logic 0.
Event 2—PROFILE0 pin switches to Logic 1. The state machine
begins incrementing the RAM address counter.
Event 3—PROFILE0 pin remains at Logic 1 long enough for
the state machine to reach the waveform end address. The
RAM_SWP_OVR pin switches to Logic 1 accordingly.
Event 4—PROFILE0 pin switches to Logic 0. The state
machine begins decrementing the RAM address counter.
The RAM_SWP_OVR pin remains at Logic 1.
Event 5—PROFILE0 pin switches to Logic 1. The state machine
resets its internal timer and reverses the direction of the RAM
address counter (that is, it starts to increment). No change of
the RAM_SWP_OVR state because the waveform start address
has not yet been reached.
Event 6—PROFILE0 pin switches to Logic 0. The state machine
resets its internal timer and again reverses the direction of the RAM
address counter. The RAM_SWP_OVR state does not change.
Event 7—PROFILE0 pin remains at Logic 0 long enough for the
state machine to reach the waveform start address. There is no
change in the RAM_SWP_OVR state.
Event 8—PROFILE0 pin switches to Logic 1. The state machine
resets its internal timer and begins incrementing the RAM
address counter. The RAM_SWP_OVR pin switches to Logic 0
because both the waveform start address was reached and the
PROFILE0 pin transitioned from Logic 0 to Logic 1.
RAM Continuous Bidirectional Ramp Mode
In continuous bidirectional ramp mode, upon assertion of an
I/O update or a change of profile, the RAM begins operating as
a waveform generator using the parameters programmed into
the RAM profile designated by the profile pins. Data is extracted
from RAM over the specified address range and at the specified
rate contained in the waveform start address, waveform end
address, and address ramp rate values of the selected RAM
profile. The data is delivered to the specified DDS signal control
parameter(s) based on the RAM playback destination bits. The
no-dwell high bit is ignored in this mode.
With the continuous bidirectional ramp mode activated via an
I/O update or profile change, the internal state machine begins
extracting data from the RAM at the waveform start address
and incrementing the address counter until it reaches the
waveform end address. At this point, the state machine
automatically reverses the direction of the address counter and
begins decrementing through the address range. Whenever one
of the terminal addresses is reached, the state machine reverses
the address counter; the process continues indefinitely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com