Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 43Page - Analog Devices AD9910/PCBZ Datasheet HTML 44Page - Analog Devices AD9910/PCBZ Datasheet HTML 45Page - Analog Devices AD9910/PCBZ Datasheet HTML 46Page - Analog Devices AD9910/PCBZ Datasheet HTML 47Page - Analog Devices AD9910/PCBZ Datasheet HTML 48Page - Analog Devices AD9910/PCBZ Datasheet HTML 49Page - Analog Devices AD9910/PCBZ Datasheet HTML 50Page - Analog Devices AD9910/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
AD9910
Rev. 0 | Page 47 of 60
communication cycle can begin, starting with the instruction
byte write.
I/O_UPDATE—Input/Output Update
The I/O_UPDATE initiates the transfer of written data from
the I/O port buffer to active registers. I/O_UPDATE is active
on the rising edge and its pulse width must be greater than one
SYNC_CLK period. It is either an input or output pin depending
on the programming of the Internal I/O update active bit.
SERIAL I/O TIMING DIAGRAMS
The diagrams below provide basic examples of the timing
relationships between the various control signals of the serial
I/O port. Most of the bits in the register map are not transferred
to their internal destinations until assertion of an I/O update,
which is not included in the timing diagrams that follow.
MSB/LSB TRANSFERS
The AD9910 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by Bit 0 in Control Function
Register 1 (0x00). The default format is MSB first. If Bit 0 is set
high, the serial port is configured for LSB-first format. If LSB
first is active, all data, including the instruction byte, must
follow LSB-first convention. Note that the highest number
found in the bit range column for each register (see the Register
Map and Bit Descriptions section and Table 16) is the MSB and
the lowest number is the LSB for that register.
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 54. Serial Port Write Timing, Clock Stall Low
DO7
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
DON'T CARE
I7
I6
I5
I4
I3
I2
I1
I0
SDIO
SCLK
CS
SDO
DO6 DO5 DO4 DO3 DO2 DO1
DO0
Figure 55. 3-Wire Serial Port Read Timing, Clock Stall Low
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 56. Serial Port Write Timing, Clock Stall High
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0
Figure 57. 2-Wire Serial Port Read Timing, Clock Stall High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com