Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9910/PCBZ Datasheet HTML 1Page - Analog Devices AD9910/PCBZ Datasheet HTML 2Page - Analog Devices AD9910/PCBZ Datasheet HTML 3Page - Analog Devices AD9910/PCBZ Datasheet HTML 4Page - Analog Devices AD9910/PCBZ Datasheet HTML 5Page - Analog Devices AD9910/PCBZ Datasheet HTML 6Page - Analog Devices AD9910/PCBZ Datasheet HTML 7Page - Analog Devices AD9910/PCBZ Datasheet HTML 8Page - Analog Devices AD9910/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
AD9910
Rev. 0 | Page 3 of 60
Power-Down Control .................................................................41
Synchronization of Multiple Devices............................................43
Serial Programming ........................................................................46
Control Interface—Serial I/O....................................................46
General Serial I/O Operation ....................................................46
Instruction Byte...........................................................................46
Instruction Byte Information Bit Map .................................46
Serial I/O Port Pin Descriptions ...............................................46
SCLK—Serial Clock................................................................46
CS—Chip Select Bar ...............................................................46
SDIO—Serial Data Input/Output .........................................46
SDO—Serial Data Out ...........................................................46
I/O_RESET—Input/Output Reset ........................................46
I/O_UPDATE—Input/Output Update ................................47
Serial I/O Timing Diagrams ......................................................47
MSB/LSB Transfers .....................................................................47
Register Map and Bit Descriptions ...............................................48
Register Bit Descriptions............................................................53
Control Function Register 1 (CFR1)....................................53
Control Function Register 2 (CFR2)....................................55
Control Function Register 3 (CFR3)....................................56
Auxiliary DAC Control Register...........................................56
I/O Update Rate Register.......................................................57
Frequency Tuning Word Register (FTW) ...........................57
Phase Offset Word Register (POW).....................................57
Amplitude Scale Factor Register (ASF) ...............................57
Multichip Sync Register .........................................................58
Digital Ramp Limit Register..................................................58
Digital Ramp Step Size Register............................................58
Digital Ramp Rate Register ...................................................58
Profile Registers ......................................................................59
Outline Dimensions........................................................................60
Ordering Guide ...........................................................................60
REVISION HISTORY
5/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com