Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 17Page - Analog Devices AD9910/PCBZ Datasheet HTML 18Page - Analog Devices AD9910/PCBZ Datasheet HTML 19Page - Analog Devices AD9910/PCBZ Datasheet HTML 20Page - Analog Devices AD9910/PCBZ Datasheet HTML 21Page - Analog Devices AD9910/PCBZ Datasheet HTML 22Page - Analog Devices AD9910/PCBZ Datasheet HTML 23Page - Analog Devices AD9910/PCBZ Datasheet HTML 24Page - Analog Devices AD9910/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
AD9910
Rev. 0 | Page 21 of 60
MODE PRIORITY
The three different modulation modes generate frequency,
phase, and/or amplitude data destined for the DDS signal
control parameters. In addition, the OSK function generates
amplitude data destined for the DDS. Each of these functions is
independently invoked using the appropriate control bit via the
serial I/O port.
The ability to independently activate each of these functions
makes it possible to have multiple data sources attempting to
drive the same DDS signal control parameter. To avoid con-
tention, the AD9910 has a built-in priority system. Table 5
summarizes the priority for each of the DDS signal control
parameters. The rows of the table list data sources for a particular
DDS signal control parameter in descending order of precedence.
For example, if both the RAM and the parallel port are enabled
and both are programmed for frequency as the destination,
then the DDS frequency parameter is driven by the RAM and
not the parallel data port.
Table 5. Data Source Priority
DDS Signal Control Parameters
Frequency
Phase
Amplitude
Priority
Data Source
Conditions
Data Source
Conditions
Data Source
Conditions
Highest
Priority
RAM
RAM enabled and
data destination is
frequency
RAM
RAM enabled and
data destination is
phase or polar
OSK generator
OSK enabled (auto
mode)
DRG
DRG enabled and
data destination is
frequency
DRG
DRG enabled and
data destination is
phase
ASF register
OSK enabled
(manual mode)
Parallel data
port + FTW
register
Parallel data port
enabled and data
destination is
frequency
Parallel data port
Parallel data port
enabled and data
destination is
phase
RAM
RAM enabled and
data destination is
amplitude or polar
FTW register
RAM enabled and
data destination is
phase, amplitude
or polar
Parallel data port
concatenated with
the POW register
LSBs
Parallel data port
enabled and data
destination is polar
DRG
DRG enabled and
data destination is
amplitude
FTW in active
single tone
profile register
DRG enabled and
data destination is
phase or amplitude
POW register
RAM enabled and
destination is
frequency or
amplitude
Parallel data port
Parallel data port
enabled and data
destination is
amplitude
FTW in active
single tone
profile register
Parallel data port
enabled and data
destination is
phase, amplitude
or polar
POW in active
single tone profile
register
DRG enabled and
data destination is
frequency or
amplitude
Parallel data port
concatenated with
the ASF register
LSBs
Parallel data port
enabled and data
destination is
polar
FTW in active
single tone
profile register
None
POW in active
single tone profile
register
Parallel data port
enabled and data
destination is
frequency or
amplitude
ASF in active single
tone profile
register
Enable amplitude
scale from Single
Tone Profiles Bit
CFR2<24> set
Lowest
Priority
POW in active
single tone profile
register
None
No amplitude
scaling
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com