Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 52Page - Analog Devices AD9910/PCBZ Datasheet HTML 53Page - Analog Devices AD9910/PCBZ Datasheet HTML 54Page - Analog Devices AD9910/PCBZ Datasheet HTML 55Page - Analog Devices AD9910/PCBZ Datasheet HTML 56Page - Analog Devices AD9910/PCBZ Datasheet HTML 57Page - Analog Devices AD9910/PCBZ Datasheet HTML 58Page - Analog Devices AD9910/PCBZ Datasheet HTML 59Page - Analog Devices AD9910/PCBZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
AD9910
Rev. 0 | Page 57 of 60
I/O Update Rate Register
Address 0x04, 4 bytes are assigned to this register. This register is effective without the need for an I/O update.
Table 21. Bit Descriptions for I/O Update Rate Register
Bit(s)
Descriptor
Explanation
31:0
I/O Update Rate
Ineffective unless CFR2<23> = 1. This 32-bit number controls the automatic I/O update
rate (see the Automatic I/O Update section for details). Default is 0xFFFFFFFF.
Frequency Tuning Word Register (FTW)
Address 0x07, 4 bytes are assigned to this register.
Table 22. Bit Descriptions for FTW Register
Bit(s)
Descriptor
Explanation
31:0
Frequency Tuning Word
32-bit frequency tuning word.
Phase Offset Word Register (POW)
Address 0x08, 2 bytes are assigned to this register.
Table 23. Bit Descriptions for POW Register
Bit(s)
Descriptor
Explanation
15:0
Phase Offset Word
16-bit phase offset word.
Amplitude Scale Factor Register (ASF)
Address 0x09, 4 bytes are assigned to this register.
Table 24. Bit Descriptions for ASF Register
Bit(s)
Descriptor
Explanation
31:16
Amplitude Ramp Rate
16-bit amplitude ramp rate value. Effective only if CFR1<9:8> = 112; see the Output Shift
Keying (OSK) section for details.
15:2
Amplitude Scale Factor
14-bit amplitude scale factor.
1:0
Amplitude Step Size
Effective only if CFR1<9:8> = 112; see the Output Shift Keying (OSK) section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com