Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 30Page - Analog Devices AD9910/PCBZ Datasheet HTML 31Page - Analog Devices AD9910/PCBZ Datasheet HTML 32Page - Analog Devices AD9910/PCBZ Datasheet HTML 33Page - Analog Devices AD9910/PCBZ Datasheet HTML 34Page - Analog Devices AD9910/PCBZ Datasheet HTML 35Page - Analog Devices AD9910/PCBZ Datasheet HTML 36Page - Analog Devices AD9910/PCBZ Datasheet HTML 37Page - Analog Devices AD9910/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
AD9910
Rev. 0 | Page 34 of 60
Note that two-level modulation can be accomplished by using
only one of the three profile pins to toggle between two
different parameter values. Likewise, four-level modulation can
be accomplished by using only two of the three profile pins.
There is no restriction on which profile pins are used.
Ramp Up Timing Diagram
A graphic representation of the ramp up mode appears in
Figure 43, showing both normal and no-dwell operation.
The two upper traces show the progression of the RAM address
from the waveform start address to the waveform end address
for the selected profile. The address value advances by one with
each timeout of the timer internal to the state machine. The
timer period (Δt) is determined by the address ramp rate value
for the selected profile. The two upper traces are differentiated
by the state of the no-dwell high bit.
RAM Direct Switch Mode with Zero-Crossing
The zero-crossing function (enabled with the zero-crossing bit)
is a special feature that is only available in RAM direct switch
mode. The zero-crossing function is only valid if the RAM
playback destination bits specify phase as the DDS signal
control parameter.
WAVEFORM START ADDRESS
WAVEFORM START ADDRESS
WAVEFORM END ADDRESS
1
M DDS CLOCK CYCLES
WAVEFORM END ADDRESS
NO-DWELL
HIGH = 0
NO-DWELL
HIGH = 1
1
RAM ADDRESS
RAM ADDRESS
RAM_SWP_OVER
I/O_UPDATE
1
2
3
Δ
t
Enabling zero-crossing causes the DDS to delay the application
of a new phase value until such time as the DDS phase
accumulator rolls over from full scale to zero (the point at
which the DDS phase accumulator represents a phase angle that
is at the 360° to 0° transition point). This can be a very
beneficial feature when the DDS is programmed to generate a
sine wave (using the select DDS sine output bit), because the
zero-crossing point of phase for a sine wave corresponds with
the zero-crossing point of amplitude.
In the case of binary phase shift keying (BPSK), the zero-
crossing feature allows the AD9910 to perform the 180° phase
jumps associated with BPSK with only a minimal instantaneous
change in amplitude. This avoids the spectral splatter that
frequently accompanies BPSK modulation.
Although the intent of the zero-crossing feature is for use with
the DDS sine output enabled, it can be used with a cosine
output. In this case, the phase values extracted from RAM are
registered at the DDS when the output amplitude is at its peak
positive value.
Figure 43. Ramp Up Timing Diagram
The circled numbers in Figure 43 indicate specific events
explained as follows:
Event 1—An I/O update or profile change occurs. This event
initializes the state machine to the waveform start address and
sets the RAM_SWP_OVR pin to Logic 0.
RAM Ramp Up Mode
In ramp up mode, upon assertion of an I/O update or a change
of profile, the RAM begins operating as a waveform generator
using the parameters programmed into the selected RAM
profile register. Data is extracted from RAM over the specified
address range and at the specified rate contained in the wave-
form start address, waveform end address, and address ramp
rate values of the selected RAM profile. The data is delivered
to the specified DDS signal control parameter(s) based on the
RAM playback destination bits.
Event 2—The state machine reaches the waveform end address
value for the selected profile. The RAM_SWP_OVR pin
switches to Logic 1. This marks the end of the waveform
generation sequence for normal operation.
Event 3—The state machine switches to the waveform start
address. This marks the end of the waveform generation
sequence for no-dwell operation.
The internal state machine begins extracting data from the
RAM at the waveform start address and continues to extract
data until it reaches the waveform end address. Upon reaching
this address, it either remains at the waveform end address or
returns to the waveform start address as defined by the no-dwell
high bit. Then the state machine halts and the RAM_SWP_OVR
pin goes high.
Changing profiles resets the RAM_SWP_OVR pin to Logic 0,
automatically terminates the current waveform, and initiates the
newly selected waveform.
RAM Ramp Up Internal Profile Control Mode
Ramp up internal profile control mode is invoked via the four
internal profile control bits (rather than through the RAM
profile mode control bits in the RAM profile registers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com