Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 10Page - Analog Devices AD9910/PCBZ Datasheet HTML 11Page - Analog Devices AD9910/PCBZ Datasheet HTML 12Page - Analog Devices AD9910/PCBZ Datasheet HTML 13Page - Analog Devices AD9910/PCBZ Datasheet HTML 14Page - Analog Devices AD9910/PCBZ Datasheet HTML 15Page - Analog Devices AD9910/PCBZ Datasheet HTML 16Page - Analog Devices AD9910/PCBZ Datasheet HTML 17Page - Analog Devices AD9910/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
AD9910
Rev. 0 | Page 14 of 60
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
fOUT = 20.1MHz
fOUT = 397.8MHz
fOUT = 98.6MHz
fOUT = 201.1MHz
400
450
300
250
350
200
150
100
50
0
400
500
600
700
800
900
1000
SYSTEM CLOCK FREQUENCY (MHz)
DVDD 1.8V
AVDD 1.8V
AVDD 3.3V
DVDD 3.3V
Figure 16. Residual Phase Noise,
1 GHz Operation Using a 50 MHz Reference Clock with 20× PLL Multiplier
Figure 18. Power Dissipation vs. System Clock (PLL Enabled)
400
450
300
250
350
200
150
100
50
0
100
200
300
400
500
600
700
800
900
1000
SYSTEM CLOCK FREQUENCY (MHz)
DVDD 3.3V
AVDD 3.3V
AVDD 1.8V
DVDD 1.8V
Figure 17. Power Dissipation vs. System Clock (PLL Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com