Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 13Page - Analog Devices AD9910/PCBZ Datasheet HTML 14Page - Analog Devices AD9910/PCBZ Datasheet HTML 15Page - Analog Devices AD9910/PCBZ Datasheet HTML 16Page - Analog Devices AD9910/PCBZ Datasheet HTML 17Page - Analog Devices AD9910/PCBZ Datasheet HTML 18Page - Analog Devices AD9910/PCBZ Datasheet HTML 19Page - Analog Devices AD9910/PCBZ Datasheet HTML 20Page - Analog Devices AD9910/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
AD9910
Rev. 0 | Page 17 of 60
RAM MODULATION MODE
The RAM modulation mode (see Figure 23) is activated via the
RAM enable bit and assertion of the I/O_UPDATE pin (or a
profile change). In this mode, the modulated DDS signal
control parameters are supplied directly from RAM.
The RAM consists of 32-bit words and is 1024 words deep.
Coupled with a sophisticated internal state machine, the RAM
provides a very flexible method for generating arbitrary, time
dependent waveforms. A programmable timer controls the rate
at which words are extracted from the RAM for delivery to the
DDS. Thus, the programmable timer establishes a sample rate at
which 32-bit samples are supplied to the DDS.
The selection of the specific DDS signal control parameters that
serve as the destination for the RAM samples is also programmable
through eight independent RAM profile registers. Select a par-
ticular profile using the three external profile pins (PROFILE<2:0>).
A change in the state of the profile pins with the next rising
edge on SYNC_CLK activates the selected RAM profile.
In RAM modulation mode, the ability to generate a time
dependent amplitude, phase, or frequency signal enables
modulation of any one of the parameters controlling the DDS
carrier signal. Furthermore, a polar modulation format is
available that partitions each RAM sample into a magnitude
and phase component; 16 bits allocated to phase and 14 bits
allocated to magnitude.
16
PARALLEL
INPUT
PDCLK
SCLK
SDIO
I/O_RESET
PROFILE
I/O_UPDATE
RAM
POWER
DOWN
CONTROL
DAC_RSET
IOUT
IOUT
CS
TxENABLE
DAC FSC
OSK
A
θ
INVERSE
SINC
FILTER
CLOCK
AMPLITUDE (A)
FREQUENCY (ω)
PHASE (θ)
DIGITAL
RAMP
GENERATOR
8
DAC FSC
8
2
2
MULTICHIP
SYNCHRONIZATION
SYSCLK
PLL
÷2
REF_CLK
REF_CLK
REFCLK_OUT
XTAL_SEL
PARALLEL DATA
TIMING AND
CONTROL
2
AD9910
PROGRAMMING
REGISTERS
OUTPUT
SHIFT
KEYING
DATA
ROUTE
AND
PARTITION
CONTROL
3
INTERNAL CLOCK TIMING
AND CONTROL
ω
Acos (ωt+θ)
Asin (ωt+θ)
2
2
DDS
AUX
DAC
8-BIT
DAC
14-BIT
RAM_SWP_OVR
DRCTL
DRHOLD
DROVER
Figure 23. RAM Modulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com