Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 21Page - Analog Devices AD9910/PCBZ Datasheet HTML 22Page - Analog Devices AD9910/PCBZ Datasheet HTML 23Page - Analog Devices AD9910/PCBZ Datasheet HTML 24Page - Analog Devices AD9910/PCBZ Datasheet HTML 25Page - Analog Devices AD9910/PCBZ Datasheet HTML 26Page - Analog Devices AD9910/PCBZ Datasheet HTML 27Page - Analog Devices AD9910/PCBZ Datasheet HTML 28Page - Analog Devices AD9910/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
AD9910
Rev. 0 | Page 25 of 60
ranges such that fSYSCLK falls within the specified range. Figure 33
and Figure 34 summarize these VCO ranges.
Figure 33 shows the boundaries of the VCO frequency ranges
over the full range of temperature and supply voltage variation
for all devices from the available population. The implication is
that multiple devices chosen at random from the population and
operated under widely varying conditions may require different
values to be programmed into CFR3<26:24> to operate at the
same frequency. For example, Part A chosen randomly from the
population, operating in an ambient temperature of −10°C with
a system clock frequency of 900 MHz may require CFR3<26:24>
to be set to 100b. Whereas Part B chosen randomly from the
population, operating in an ambient temperature of 90°C with a
system clock frequency of 900 MHz may require CFR3<26:24>
to be set to 101b. If a frequency plan is chosen such that the
system clock frequency operates within one set of boundaries
(as shown in Figure 33), the required value in CFR3<26:24> is
consistent from part to part.
Figure 34 shows the boundaries of the VCO frequency ranges
over the full range of temperature and supply voltage variation
for an individual device selected from the population. Figure 34
shows that the VCO frequency ranges for a single device always
overlap when operated over the full range of conditions.
In conclusion, if a user wants to retain a single default value for
CFR3<26:24>, a frequency that falls into one of the ranges
found in Figure 33 should be selected. Additionally, for any
given individual device the VCO frequency ranges overlap,
meaning that any given device exhibits no gaps in its frequency
coverage across VCO ranges over the full range of conditions.
VCO0
VCO1
VCO2
VCO3
VCO4
VCO5
395
495
595
695
795
895
995
FLOW = 400
FHIGH = 460
FLOW = 455
FHIGH = 530
FLOW = 530
FHIGH = 615
FLOW = 760
FHIGH = 875
FLOW = 920
FHIGH = 1030
FLOW = 650
FHIGH = 790
(MHz)
Figure 33. VCO Ranges Including Atypical Wafer Process Skew
335
435
535
635
735
835
935
1035
1135
VCO0
VCO1
VCO2
VCO3
VCO4
VCO5
FLOW = 370
FHIGH = 510
FLOW = 420
FHIGH = 590
FLOW = 500
FHIGH = 700
FLOW = 700
FHIGH = 950
FLOW = 820
FHIGH = 1150
FLOW = 600
FHIGH = 880
(MHz)
Figure 34. Typical VCO Ranges
Table 8. VCO Range Bit Settings
VCO SEL BITS (CFR3<26:24>)
VCO Range
000
VCO0
001
VCO1
010
VCO2
011
VCO3
100
VCO4
101
VCO5
110
PLL Bypassed
111
PLL Bypassed
PLL Charge Pump
The charge pump current (ICP) is programmable to provide the
user with additional flexibility to optimize the PLL performance.
Table 9 lists the bit settings vs. the nominal charge pump
current.
Table 9. PLL Charge Pump Current
ICP (CFR3<21:19>)
Charge Pump Current (ICP in μA)
000
212
001
237
010
262
011
287
100
312
101
337
110
363
111
387
External PLL Loop Filter Components
The PLL_LOOP_FILTER pin provides a connection interface to
attach the external loop filter components. The ability to use
custom loop filter components gives the user more flexibility to
optimize the PLL performance. The PLL and external loop filter
components are shown in Figure 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com