Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 35Page - Analog Devices AD9910/PCBZ Datasheet HTML 36Page - Analog Devices AD9910/PCBZ Datasheet HTML 37Page - Analog Devices AD9910/PCBZ Datasheet HTML 38Page - Analog Devices AD9910/PCBZ Datasheet HTML 39Page - Analog Devices AD9910/PCBZ Datasheet HTML 40Page - Analog Devices AD9910/PCBZ Datasheet HTML 41Page - Analog Devices AD9910/PCBZ Datasheet HTML 42Page - Analog Devices AD9910/PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
AD9910
Rev. 0 | Page 39 of 60
WAVEFORM START ADDRESS
WAVEFORM END ADDRESS
1
Δ
t
Δ
t
RAM ADRESS
RAM_SWP_OVER
I/O_UPDATE
M DDS CLOCK CYCLES
1
2
3
Figure 47. Continuous Bidirectional Ramp Timing Diagram
A change in state of the profile pins aborts the current waveform
and the newly selected RAM profile is used to initiate a new
waveform.
The RAM_SWP_OVR pin switches to Logic 1 when the state
machine reaches the waveform end address, then returns to
Logic 0 at the waveform start address, toggling each time one
of these addresses is reached.
A graphic representation of the continuous bidirectional ramp
mode is shown in Figure 47. The circled numbers indicate specific
events as follows:
Event 1—An I/O update or profile change has activated the RAM
continuous bidirectional ramp mode. The state machine initializes
to the waveform start address. The RAM_SWP_OVR pin resets to
Logic 0. The state machine begins incrementing through the
specified address range.
Event 2—The state machine reaches the waveform end address.
The RAM_SWP_OVR pin toggles to Logic 1.
Event 3—The state machine reaches the waveform start address.
The RAM_SWP_OVR pin toggles to Logic 0.
This action continues indefinitely until the next I/O update or
change in profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com