Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 2Page - Analog Devices AD9910/PCBZ Datasheet HTML 3Page - Analog Devices AD9910/PCBZ Datasheet HTML 4Page - Analog Devices AD9910/PCBZ Datasheet HTML 5Page - Analog Devices AD9910/PCBZ Datasheet HTML 6Page - Analog Devices AD9910/PCBZ Datasheet HTML 7Page - Analog Devices AD9910/PCBZ Datasheet HTML 8Page - Analog Devices AD9910/PCBZ Datasheet HTML 9Page - Analog Devices AD9910/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD9910
Rev. 0 | Page 6 of 60
Parameter
Conditions/Comments
Min
Typ
Max
Unit
201.1 MHz Analog Output
±500 kHz
–87
dBc
±125 kHz
–87
dBc
±12.5 kHz
–91
dBc
301.1 MHz Analog Output
±500 kHz
–86
dBc
±125 kHz
–86
dBc
±12.5 kHz
–88
dBc
401.3 MHz Analog Output
±500 kHz
–84
dBc
±125 kHz
–84
dBc
±12.5 kHz
–85
dBc
SERIAL PORT TIMING CHARACTERISTICS
Maximum SCLK Frequency
70
Mbps
Minimum SCLK Clock Pulse Width
Low
4
ns
High
4
ns
Maximum SCLK Rise/Fall Time
2
ns
Minimum Data Setup Time to SCLK
5
ns
Minimum Data Hold Time to SCLK
0
ns
Maximum Data Valid Time in Read Mode
11
ns
I/O_UPDATE/PS0/PS1/PS2 TIMING
CHARACTERISTICS
Minimum Pulse Width
High
1
SYNC_CLK cycle
Minimum Setup Time to SYNC_CLK
2
ns
Minimum Hold Time to SYNC_CLK
0
ns
Tx_ENABLE and 16-BIT PARALLEL (DATA) BUS
TIMING
Maximum PDCLK Frequency
250
MHz
Tx_ENABLE/Data Setup Time (to PDCLK)
2
ns
Tx_ENABLE/Data Hold Time (to PDCLK)
1
ns
MISCELLANEOUS TIMING CHARACTERISTICS
Wake-Up Time2
1
ms
Fast Recovery
8
SYSCLK cycles
Full Sleep Mode
150
μs
Minimum Reset Pulse Width High
5
SYSCLK cycles3
DATA LATENCY (PIPE_LINE DELAY)
Data Latency, Single Tone or using Profiles
Frequency, Phase, Amplitude-to-DAC Output
Matched latency enabled and OSK
enabled
91
SYSCLK cycles
Frequency, Phase-to-DAC Output
Matched latency enabled and OSK
disabled
79
SYSCLK cycles
Matched latency disabled
79
SYSCLK cycles
Amplitude-to-DAC Output
Matched latency disabled
47
SYSCLK cycles
Data Latency using RAM Mode
Frequency, Phase-to-DAC Output
Matched latency enabled/disabled
94
SYSCLK cycles
Amplitude-to-DAC Output
Matched latency enabled
106
SYSCLK cycles
Matched latency disabled
58
SYSCLK cycles
Data Latency, Sweep Mode
Frequency, Phase-to-DAC Output
Matched latency enabled/disabled
91
SYSCLK cycles
Amplitude-to-DAC Output
Matched latency enabled
91
SYSCLK cycles
Matched latency disabled
47
SYSCLK cycles
Data Latency, 16-Bit Input Modulation Mode
Frequency, Phase-to-DAC Output
Matched latency enabled
103
SYSCLK cycles
Matched latency disabled
91
SYSCLK cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com