Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 51Page - Analog Devices AD9910/PCBZ Datasheet HTML 52Page - Analog Devices AD9910/PCBZ Datasheet HTML 53Page - Analog Devices AD9910/PCBZ Datasheet HTML 54Page - Analog Devices AD9910/PCBZ Datasheet HTML 55Page - Analog Devices AD9910/PCBZ Datasheet HTML 56Page - Analog Devices AD9910/PCBZ Datasheet HTML 57Page - Analog Devices AD9910/PCBZ Datasheet HTML 58Page - Analog Devices AD9910/PCBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
AD9910
Rev. 0 | Page 55 of 60
Control Function Register 2 (CFR2)
Address 0x01; 4 bytes are assigned to this register.
Table 18. Bit Descriptions for CFR2
Bit(s)
Descriptor
Explanation
31:26
Not Available
25
DROVER Pin Active
Ineffective unless Bit 19 = 1. Refer to DROVER Pin section for details.
24
Ineffective if Bit 19 = 1 or CFR1<31> = 1 or CFR1<9> = 1.
0 = the amplitude scaler is bypassed and shut down for power conservation (default).
Enable Amplitude Scale
from Single Tone Profiles
1 = the amplitude is scaled by the ASF from the active profile.
This bit is effective without the need for an I/O update.
0 = serial I/O programming is synchronized with the external assertion of the
I/O_UPDATE pin, which is configured as an input pin (default).
23
Internal I/O Update Active
1 = serial I/O programming is synchronized with an internally generated I/O update
signal (the internally generated signal appears at the I/O_UPDATE pin, which is
configured as an output pin).
22
SYNC_CLK Enable
0 = The SYNC_CLK pin is disabled; static Logic 0 output.
1 = the SYNC_CLK pin generates a clock signal at ¼ fSYSCLK; used for synchronization of the
serial I/O port (default).
21:20
Digital Ramp Destination
See Table 11 for details. Default is 002. See Digital Ramp Generator (DRG) section for details.
19
Digital Ramp Enable
0 = disables digital ramp generator functionality (default).
1 = enables digital ramp generator functionality.
18
See Digital Ramp Generator (DRG) section for details.
0 = disables no-dwell high functionality (default).
Digital Ramp No-Dwell High
1 = enables no-dwell high functionality.
17
Digital Ramp No-Dwell Low
See Digital Ramp Generator (DRG) section for details.
0 = disables no-dwell low functionality (default).
1 = enables no-dwell low functionality.
16
Read Effective FTW
0 = a serial I/O port read operation of the FTW register reports the contents of the FTW
register (default).
1 = a serial I/O port read operation of the FTW register reports the actual 32-bit word
appearing at the input to the DDS phase accumulator.
15:14
I/O Update Rate Control
Ineffective unless Bit 23 = 1. Sets the prescale ratio of the divider that clocks the auto I/O
update timer as follows:
00 = divide-by-1 (default).
01 = divide-by-2.
10 = divide-by-4.
11 = divide-by-8.
13:12
Not Available
11
PDCLK Enable
0 = the PDCLK pin is disabled and forced to a static Logic 0 state; the internal clock signal
continues to operate and provide timing to the data assembler.
1 = the internal PDCLK signal appears at the PDCLK pin (default).
10
PDCLK Invert
0 = normal PDCLK polarity; Q-data associated with Logic 1, I-data with Logic 0 (default).
1 = inverted PDCLK polarity.
9
TxEnable Invert
0 = no inversion.
1 = inversion.
8
Not Available
0 = simultaneous application of amplitude, phase, and frequency changes to the DDS
arrive at the output in the order listed (default).
7
Matched Latency Enable
1 = simultaneous application of amplitude, phase, and frequency changes to the DDS
arrive at the output simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com