Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 31Page - Analog Devices AD9910/PCBZ Datasheet HTML 32Page - Analog Devices AD9910/PCBZ Datasheet HTML 33Page - Analog Devices AD9910/PCBZ Datasheet HTML 34Page - Analog Devices AD9910/PCBZ Datasheet HTML 35Page - Analog Devices AD9910/PCBZ Datasheet HTML 36Page - Analog Devices AD9910/PCBZ Datasheet HTML 37Page - Analog Devices AD9910/PCBZ Datasheet HTML 38Page - Analog Devices AD9910/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
AD9910
Rev. 0 | Page 35 of 60
Table 14. RAM Internal Profile Control Modes
Internal Profile Control Bits
Waveform Type
Internal Profile
Control Description
0000
Internal profile control disabled.
0001
Burst
Execute Profile 0, then Profile 1, then halt.
0010
Burst
Execute Profile 0 to Profile 2, then halt.
0011
Burst
Execute Profile 0 to Profile 3, then halt.
0100
Burst
Execute Profile 0 to Profile 4, then halt.
0101
Burst
Execute Profile 0 to Profile 5, then halt.
0110
Burst
Execute Profile 0 to Profile 6, then halt.
0111
Burst
Execute Profile 0 to Profile 7, then halt.
1000
Continuous
Execute Profile 0, then 1, continuously.
1001
Continuous
Execute Profile 0 to Profile 2, continuously.
1010
Continuous
Execute Profile 0 to Profile 3, continuously.
1011
Continuous
Execute Profile 0 to Profile 4, continuously.
1100
Continuous
Execute Profile 0 to Profile 5, continuously.
1101
Continuous
Execute Profile 0 to Profile 6, continuously.
1110
Continuous
Execute Profile 0 to Profile 7, continuously.
1111
Invalid.
If any of the internal profile control bits are set, then the RAM
profile mode control bits of the RAM profile registers are
ignored. The no-dwell high bit is ignored in this mode. The
internal profile control mode is identical to ramp up mode,
except that profile switching is done automatically and
internally; the state of the PROFILE<2:0> pins is ignored.
Profiles cycle according to Table 14.
There are two types of waveform generation types available
under internal profile control; burst waveforms and continuous
waveforms. With both types, the state machine begins with the
waveform specified by the waveform start address, waveform
end address, and address ramp rate in Profile 0. After reaching
the waveform end address of Profile 0, the state machine
automatically advances to the next profile and initiates the
specified waveform as defined by the new profile parameters.
After the state machine reaches the waveform end address of
the new profile it advances to the next profile. This action
continues until the state machine reaches the waveform end
address of the last profile as governed by the internal profile
control bits in Register CFR1 per Table 14.
At this point, the next course of action depends on whether the
waveform type is burst or continuous. For burst waveforms, the
state machine halts operation after reaching the waveform end
address of the final profile. For continuous
waveforms, the state machine automatically jumps to Profile 0
and continues the automatic waveform generation by sequentially
advancing through the profiles. This process continues indefi-
nitely until the internal profile control bits are reprogrammed
and an I/O update is asserted.
A burst waveform timing diagram is exemplified in Figure 44.
The diagram assumes that internal profile control bits in
Control Function Register 1 (CFR1) are programmed as 0010,
the start address in RAM Profile 1 is greater than the end address
in RAM Profile 0, and the start address in RAM Profile 2 is
greater than the end address in RAM Profile 1. However,
understand that the block of RAM associated with each profile
can be chosen arbitrarily based on the waveform start address
and waveform end address for each profile. Furthermore, the
example shows how different Δt values associated with each
profile might be utilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com