Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 18Page - Analog Devices AD9910/PCBZ Datasheet HTML 19Page - Analog Devices AD9910/PCBZ Datasheet HTML 20Page - Analog Devices AD9910/PCBZ Datasheet HTML 21Page - Analog Devices AD9910/PCBZ Datasheet HTML 22Page - Analog Devices AD9910/PCBZ Datasheet HTML 23Page - Analog Devices AD9910/PCBZ Datasheet HTML 24Page - Analog Devices AD9910/PCBZ Datasheet HTML 25Page - Analog Devices AD9910/PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
AD9910
Rev. 0 | Page 22 of 60
FUNCTIONAL BLOCK DETAIL
DDS CORE
The direct digital synthesizer (DDS) block generates a reference
signal (sine or cosine based on the selected DDS sine output
bit). The parameters of the reference signal (frequency, phase,
and amplitude) are applied to the DDS at its frequency, phase
offset, and amplitude control inputs, as shown in Figure 27.
DDS_CLK
32
19
FREQUENCY
CONTROL
ANGLE
TO
AMPLITUDE
CONVERSION
(SINE OR
COSINE)
PHASE
OFFSET
CONTROL
TO DAC
(MSBs)
DQ
R
ACCUMULATOR
RESET
32
16
MSB ALIGNED
AMPLITUDE
CONTROL
14
DDS SIGNAL CONTROL PARAMETERS
16
14
19
32
32
14
14
32-BIT
ACCUMULATOR
Figure 27. DDS Block Diagram
The output frequency (fOUT) of the AD9910 is controlled by the
frequency tuning word (FTW) at the frequency control input to
the DDS. The relationship between fOUT, FTW, and fSYSCLK is
given by
SYSCLK
OUT
f
FTW
f
⎟
⎠
⎞
⎜
⎝
⎛
=
32
2
(1)
where FTW is a 32-bit integer ranging in value from 0 to
2,147,483,647 (231 − 1), which represents the lower half of the
full 32-bit range. This range constitutes frequencies from dc to
Nyquist (that is, ½ fSYSCLK).
The FTW required to generate a desired value of fOUT is found
by solving Equation 1 for FTW as given in Equation 2
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
SYSCLK
OUT
f
f
round
FTW
32
2
(2)
where the round(x) function rounds the argument (the value of
x) to the nearest integer. This is required because the FTW is
constrained to be an integer value. For example, for fOUT =
41 MHz and fSYSCLK = 122.88 MHz, then FTW = 1,433,053,867
(0x556AAAAB).
Programming an FTW greater than 231 produces an aliased
image that appears at a frequency given by
SYSCLK
OUT
f
FTW
f
⎟
⎠
⎞
⎜
⎝
⎛ −
=
32
2
1
(for FTW ≥ 231)
The relative phase of the DDS signal can be digitally controlled
by means of a 16-bit phase offset word (POW). The phase offset
is applied prior to the angle-to-amplitude conversion block
internal to the DDS core. The relative phase offset (Δθ) is given by
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
=
16
16
2
360
2
2
Δ
POW
POW
π
θ
where the upper quantity is for the phase offset expressed as
radian units and the lower quantity as degrees. To find the
POW value necessary to develop an arbitrary Δθ, solve the
above equation for POW and round the result (in a manner
similar to that described for finding an arbitrary FTW in the
previous paragraphs).
The relative amplitude of the DDS signal can be digitally scaled
(relative to full scale) by means of a 14-bit amplitude scale
factor (ASF). The amplitude scale value is applied at the output
of the angle-to-amplitude conversion block internal to the DDS
core. The amplitude scale is given by
⎟
⎠
⎞
⎜
⎝
⎛
=
14
14
2
log
20
2
ASF
ASF
Scale
Amplitude
(3)
where the upper quantity is amplitude expressed as a fraction of
full scale and the lower quantity is expressed in decibels relative
to full scale. To find the ASF value necessary for a particular
scale factor, solve Equation 3 for ASF and round the result (in a
manner similar to that described for finding an arbitrary FTW
in the previous paragraphs).
When the AD9910 is programmed to modulate any of the DDS
signal control parameters, the maximum modulation sample
rate is ¼ fSYSCLK. This means that the modulation signal exhibits
images about multiples of ¼ fSYSCLK. The impact of these images
must be considered when using the device as a modulator.
14-BIT DAC OUTPUT
The AD9910 incorporates an integrated 14-bit, current output
DAC. The output current is delivered as a balanced signal using
two outputs. The use of balanced outputs reduces the potential
amount of common-mode noise present at the DAC output,
offering the advantage of an increased signal-to-noise ratio. An
external resistor (RSET) connected between the DAC_RSET pin
and AGND establishes the reference current. The full-scale
output current of the DAC (IOUT) is produced as a scaled version
of the reference current (see the Auxiliary DAC section). The
recommended value of RSET is 10 kΩ.
Attention should be paid to the load termination to keep the output
voltage within the specified compliance range; voltages developed
beyond this range cause excessive distortion and can damage the
DAC output circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com