Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 52Page - Analog Devices AD9910/PCBZ Datasheet HTML 53Page - Analog Devices AD9910/PCBZ Datasheet HTML 54Page - Analog Devices AD9910/PCBZ Datasheet HTML 55Page - Analog Devices AD9910/PCBZ Datasheet HTML 56Page - Analog Devices AD9910/PCBZ Datasheet HTML 57Page - Analog Devices AD9910/PCBZ Datasheet HTML 58Page - Analog Devices AD9910/PCBZ Datasheet HTML 59Page - Analog Devices AD9910/PCBZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
AD9910
Rev. 0 | Page 59 of 60
Profile Registers
There are eight consecutive serial I/O addresses (Address 0x0E
to Address 0x015) dedicated to device profiles. All eight profile
registers are either single tone profiles or RAM profiles. RAM
profiles are in effect when CFR1<31> = 1. Single tone profiles
are in effect when CFR1<31> = 0, CFR2<19> = 0, and CFR2<4>
= 0. In normal operation, the active profile register is selected
using the external PROFILE<2:0> pins. However, in the specific
case when CFR1<31> = 1 and CFR1<20:17> ≠ 00002, the active
profile is selected automatically (see the RAM Ramp Up
Internal Profile Control Mode section).
Profile 0 to Profile 7—Single Tone Register
Address 0x0E to Address 0x15, 8 bytes are assigned to this register.
Table 29. Bit Descriptions for Profile 0 to Profile 7 Single Tone Register
Bit(s)
Descriptor
Explanation
63:62
Not Available
61:48
Amplitude Scale Factor
This 14-bit number controls the DDS output amplitude.
47:32
Phase Offset Word
This 16-bit number controls the DDS phase offset.
31:0
Frequency Tuning Word
This 32-bit number controls the DDS frequency.
Profile 0 to Profile 7—RAM Register
Address 0x0E to Address 0x15, 8 bytes are assigned to this register.
Table 30. Bit Descriptions for Profile 0 to Profile 7 RAM Register
Bit(s)
Descriptor
Explanation
63:56
Not Available
55:40
Address Step Rate
16-bit address step rate value.
39:30
Waveform End Address
10-bit waveform end address.
29:24
Not Available
23:14
Waveform Start Address
10-bit waveform start address.
13:6
Not Available
5
No-Dwell High
Effective only when the RAM mode is in ramp up.
0 = when the RAM state machine reaches the end address, it halts.
1 = when the RAM state machines reaches the end address, it jumps to the start address
and halts.
4
Not Available
3
Zero-Crossing
Effective only when in RAM mode, direct switch.
0 = zero-crossing function disabled.
1 = zero-crossing function enabled.
2:0
RAM Mode Control
See Table 13 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com