Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 12Page - Analog Devices AD9910/PCBZ Datasheet HTML 13Page - Analog Devices AD9910/PCBZ Datasheet HTML 14Page - Analog Devices AD9910/PCBZ Datasheet HTML 15Page - Analog Devices AD9910/PCBZ Datasheet HTML 16Page - Analog Devices AD9910/PCBZ Datasheet HTML 17Page - Analog Devices AD9910/PCBZ Datasheet HTML 18Page - Analog Devices AD9910/PCBZ Datasheet HTML 19Page - Analog Devices AD9910/PCBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
AD9910
Rev. 0 | Page 16 of 60
THEORY OF OPERATION
The AD9910 has four modes of operation:
•
Single tone
•
RAM modulation
•
Digital ramp modulation
•
Parallel data port modulation
The modes relate to the data source used to supply the DDS
with its signal control parameters: frequency, phase, or ampli-
tude. The partitioning of the data into different combinations
of frequency, phase, and amplitude is handled automatically
based on the mode and/or specific control bits.
In single tone mode, the DDS signal control parameters come
directly from the programming registers associated with the
serial I/O port. In RAM modulation mode, the DDS signal
control parameters are stored in the internal RAM and played
back upon command. In digital ramp modulation mode, the
DDS signal control parameters are delivered by a digital ramp
generator. In parallel data port modulation mode, the DDS
signal control parameters are driven directly into the parallel port.
The various modulation modes generally operate on only one of
the DDS signal control parameters (two in the case of the polar
modulation format). The unmodulated DDS signal control
parameters are stored in their appropriate programming
registers and automatically route to the DDS based on the
selected mode.
A separate output shift keying (OSK) function is also available.
This function employs a separate digital linear ramp generator
that only affects the amplitude parameter of the DDS. The OSK
function has priority over the other data sources that can drive
the DDS amplitude parameter. As such, no other data source
can drive the DDS amplitude when the OSK function is enabled.
Although the various modes (including the OSK function) are
described independently, they can be enabled simultaneously.
This provides an unprecedented level of flexibility for generating
complex modulation schemes. However, to avoid multiple data
sources from driving the same DDS signal control parameter,
the device has a built-in priority protocol (see Table 5 in the
Mode Priority section).
SINGLE TONE MODE
In single tone mode, the DDS signal control parameters are
supplied directly from the programming registers. A profile is
an independent register that contains the DDS signal control
parameters. Eight profile registers are available.
Each profile is independently accessible. Use the three external
profile pins (PROFILE<2:0>) to select the desired profile. A
change in the state of the profile pins with the next rising edge
on SYNC_CLK updates the DDS with the parameters specified
by the selected profile.
16
PARALLEL
INPUT
PDCLK
SCLK
SDIO
I/O_RESET
PROFILE
I/O_UPDATE
RAM
POWER
DOWN
CONTROL
DAC_RSET
IOUT
IOUT
CS
TxENABLE
DAC FSC
OSK
A
θ
INVERSE
SINC
FILTER
CLOCK
AMPLITUDE (A)
FREQUENCY (ω)
PHASE (θ)
DIGITAL
RAMP
GENERATOR
8
DAC FSC
8
2
2
MULTICHIP
SYNCHRONIZATION
SYSCLK
PLL
÷2
REF_CLK
REF_CLK
REFCLK_OUT
XTAL_SEL
PARALLEL DATA
TIMING AND
CONTROL
2
AD9910
PROGRAMMING
REGISTERS
OUTPUT
SHIFT
KEYING
DATA
ROUTE
AND
PARTITION
CONTROL
3
INTERNAL CLOCK TIMING
AND CONTROL
ω
Acos (ωt+θ)
Asin (ωt+θ)
2
2
AUX
DAC
8-BIT
DAC
14-BIT
DDS
RAM_SWP_OVR
DRCTL
DRHOLD
DROVER
Figure 22. Single Tone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com