Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 50Page - Analog Devices AD9910/PCBZ Datasheet HTML 51Page - Analog Devices AD9910/PCBZ Datasheet HTML 52Page - Analog Devices AD9910/PCBZ Datasheet HTML 53Page - Analog Devices AD9910/PCBZ Datasheet HTML 54Page - Analog Devices AD9910/PCBZ Datasheet HTML 55Page - Analog Devices AD9910/PCBZ Datasheet HTML 56Page - Analog Devices AD9910/PCBZ Datasheet HTML 57Page - Analog Devices AD9910/PCBZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
AD9910
Rev. 0 | Page 54 of 60
Bit(s)
Descriptor
Explanation
0 = normal operation of the DRG accumulator (default).
12
Clear Digital Ramp
Accumulator
1 = asynchronous, static reset of the DRG accumulator. The ramp accumulator remains reset
as long as this bit remains set. This bit is synchronized with either an I/O update or a profile
change and the next rising edge of SYNC_CLK.
11
Clear Phase Accumulator
0 = normal operation of the DDS phase accumulator (default).
1 = asynchronous, static reset of the DDS phase accumulator.
10
Load ARR @ I/O Update
Ineffective unless Bits<9:8> = 112.
0 = normal operation of the OSK amplitude ramp rate timer (default).
1 = OSK amplitude ramp rate timer reloaded anytime I/O_UPDATE is asserted or a profile
change occurs.
9
OSK Enable
The Output Shift Keying Enable bit.
0 = OSK disabled (default).
1 = OSK enabled.
8
Select Auto OSK
Ineffective unless Bit 9 = 1.
0 = manual OSK enabled (default).
1 = automatic OSK enabled.
7
Digital Power-Down
This bit is effective without the need for an I/O update.
0 = clock signals to the digital core are active (default).
1 = clock signals to the digital core are disabled.
6
DAC Power-Down
0 = DAC clock signals and bias circuits are active (default).
1 = DAC clock signals and bias circuits are disabled.
5
REFCLK Input Power-Down
This bit is effective without the need for an I/O update.
0 = REFCLK input circuits and PLL are active (default).
1 = REFCLK input circuits and PLL are disabled.
4
Auxiliary DAC Power-Down
0 = auxiliary DAC clock signals and bias circuits are active (default).
1 = auxiliary DAC clock signals and bias circuits are disabled.
3
0 = assertion of the EXTPWRDN pin effects full power-down (default).
External Power-Down
Control
1 = assertion of the EXTPWRDN pin effects fast recovery power-down.
2
Not Available
1
0 = configures the SDIO pin for bidirectional operation; 2-wire serial programming
mode (default).
SDIO Input Only
1 = configures the serial data I/O pin (SDIO) as an input only pin; 3-wire serial
programming mode.
0
LSB First
0 = configures the serial I/O port for MSB-first format (default)
1 = configures the serial I/O port for LSB-first format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com