Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 52Page - Analog Devices AD9910/PCBZ Datasheet HTML 53Page - Analog Devices AD9910/PCBZ Datasheet HTML 54Page - Analog Devices AD9910/PCBZ Datasheet HTML 55Page - Analog Devices AD9910/PCBZ Datasheet HTML 56Page - Analog Devices AD9910/PCBZ Datasheet HTML 57Page - Analog Devices AD9910/PCBZ Datasheet HTML 58Page - Analog Devices AD9910/PCBZ Datasheet HTML 59Page - Analog Devices AD9910/PCBZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
AD9910
Rev. 0 | Page 58 of 60
Multichip Sync Register
Address 0x0A, 4 bytes are assigned to this register.
Table 25. Multichip Sync Register
Bit(s)
Descriptor
Explanation
31:28
Sync Validation Delay
This 4-bit number sets the timing skew (in ~150 ps increments) between SYSCLK and the
delayed sync-in signal for the sync validation block in the sync receiver. Default is 00002.
27
Sync Receiver Enable
0 = synchronization clock receiver disabled (default).
1 = synchronization clock receiver enabled.
26
Sync Generator Enable
0 = synchronization clock generator disabled (default).
1 = synchronization clock generator enabled.
25
Sync Generator Polarity
0 = synchronization clock generator coincident with the rising edge of SYSCLK (default).
1 = synchronization clock generator coincident with the falling edge of SYSCLK.
24
Not Available
23:18
Sync State Preset Value
This 6-bit number is the state that the internal clock generator assumes when it receives a
sync pulse. Default is 0000002.
17:16
Not Available
15:11
Output Sync Generator
Delay
This 5-bit number sets the output delay (in ~150 ps increments) of the sync generator.
Default is 000002.
10:8
Not Available
7:3
Input Sync Receiver Delay
This 5-bit number sets the input delay (in ~150 ps increments) of the sync receiver. Default
is 000002.
2:0
Not Available
Digital Ramp Limit Register
Address 0x0B, 8 bytes are assigned to this register. This register is only effective if CFR2<19> = 1. See the Digital Ramp Generator (DRG)
section for details.
Table 26. Bit Descriptions for Digital Ramp Limit Register
Bit(s)
Descriptor
Explanation
63:32
Digital Ramp Upper Limit
32-bit digital ramp upper limit value.
31:0
Digital Ramp Lower Limit
32-bit digital ramp lower limit value.
Digital Ramp Step Size Register
Address 0x0C, 8 bytes are assigned to this register. This register is only effective if CFR2<19> = 1. See the Digital Ramp Generator (DRG)
section for details.
Table 27. Bit Descriptions for Digital Ramp Step Size Register
Bit(s)
Descriptor
Explanation
63:32
Digital Ramp Decrement
Step Size
32-bit digital ramp decrement step size value.
31:0
Digital Ramp Increment
Step Size
32-bit digital ramp increment step size value.
Digital Ramp Rate Register
Address 0x0D, 4 bytes are assigned to this register. This register is only effective if CFR2<19> = 1. See the Digital Ramp Generator (DRG)
section for details.
Table 28. Bit Descriptions for Digital Ramp Rate Register
Bit(s)
Descriptor
Explanation
31:16
Digital Ramp Negative
Slope Rate
16-bit digital ramp negative slope value that defines the time interval between decrement
values.
15:0
Digital Ramp Positive Slope
Rate
16-bit digital ramp positive slope value that defines the time interval between increment
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com