Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 52Page - Analog Devices AD9910/PCBZ Datasheet HTML 53Page - Analog Devices AD9910/PCBZ Datasheet HTML 54Page - Analog Devices AD9910/PCBZ Datasheet HTML 55Page - Analog Devices AD9910/PCBZ Datasheet HTML 56Page - Analog Devices AD9910/PCBZ Datasheet HTML 57Page - Analog Devices AD9910/PCBZ Datasheet HTML 58Page - Analog Devices AD9910/PCBZ Datasheet HTML 59Page - Analog Devices AD9910/PCBZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
AD9910
Rev. 0 | Page 56 of 60
Bit(s)
Descriptor
Explanation
Ineffective unless Bit 4 = 1.
6
Data Assembler Hold Last
Value
0 = the data assembler of the parallel data port internally forces zeros on the data path
and ignores the signals on the D<15:0> and F<1:0> pins while the TxENABLE pin is
Logic 0 (default). This implies that the destination of the data at the parallel data port is
amplitude when TxENABLE is Logic 0.
1 = the data assembler of the parallel data port internally forces the last value received
on the D<15:0> and F<1:0> pins while the TxENABLE pin is Logic 1.
5
Sync Sample Error Mask
0 = enables the SYNC_SMP_ERR pin to indicate (active high) detection of a synchronization
pulse sampling error.
1 = the SYNC_SMP_ERR pin is forced to a static Logic 0 condition (default).
4
See the Parallel Data Port Modulation Mode section for more details.
0 = disables parallel data port modulation functionality (default).
Parallel Data Port Enable
1 = enables parallel data port modulation functionality.
3:0
FM Gain
See the Parallel Data Port Modulation Mode section for more details. Default is 00002.
Control Function Register 3 (CFR3)
Address 0x02; 4 bytes are assigned to this register.
Table 19. Bit Descriptions for CFR3
Bit(s)
Descriptor
Explanation
31:30
DRV0
Controls the REFCLK_OUT pin, (see Table 7 for details); default is 002.
29:27
Not Available
26:24
VCO SEL
Selects frequency band of the REFCLK PLL VCO, (see Table 8 for details); default is 1112.
23:22
Not Available
21:19
ICP
Selects the charge pump current in the REFCLK PLL (see Table 9 for details); default is 1112.
18:16
Not Available
15
0 = input divider is selected (default).
REFCLK Input Divider
Bypass
1 = input divider is bypassed.
14
0 = input divider is reset.
REFCLK Input Divider
ResetB
1 = input divider operates normally (default).
13:9
Not Available
8
PLL Enable
0 = REFCLK PLL bypassed (default).
1 = REFCLK PLL enabled.
7:1
N
This 7-bit number is divide modulus of the REFCLK PLL feedback divider; default is
00000002.
0
Not Available
Auxiliary DAC Control Register
Address 0x03; 4 bytes are assigned to this register.
Table 20. Bit Descriptions for DAC Control Register
Bit(s)
Descriptor
Explanation
31:8
Not Available
7:0
FSC
This 8-bit number controls the full-scale output current of the main DAC (see the Auxiliary
DAC section); default is 0xFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com