Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 20Page - Analog Devices AD9910/PCBZ Datasheet HTML 21Page - Analog Devices AD9910/PCBZ Datasheet HTML 22Page - Analog Devices AD9910/PCBZ Datasheet HTML 23Page - Analog Devices AD9910/PCBZ Datasheet HTML 24Page - Analog Devices AD9910/PCBZ Datasheet HTML 25Page - Analog Devices AD9910/PCBZ Datasheet HTML 26Page - Analog Devices AD9910/PCBZ Datasheet HTML 27Page - Analog Devices AD9910/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
AD9910
Rev. 0 | Page 24 of 60
REF_CLK
REF_CLK
PLL
VCO
SELECT
DIVIDE
CHARGE
PUMP
OUT
IN
PLL_LOOP_FILTER
ENABLE
PLL_LOOP_FILTER
DRV0
CFR3
<31:30>
REFCLK_OUT
XTAL_SEL
REFCLK
INPUT
SELECT
LOGIC
SYSCLK
ICP
CFR3
<21:19>
N
CFR3
<7:1>
VCO
CFR3
<26:24>
÷2
INPUT DIVIDER BYPASS
CFR3<15>
PLL ENABLE
CFR3
<8>
INPUT DIVIDER
RESETB
CFR3<14>
94
95
2
90
91
0
1
0
1
2
2
7
3
0
1
Figure 30. REF_CLK Block Diagram
The PLL enable bit is used to choose between the PLL path or
the direct input path. When the direct input path is selected, the
REF_CLK pins must be driven by an external signal source
(single-ended or differential). Input frequencies up to 2 GHz are
supported. For input frequencies greater than 1 GHz, the input
divider must be enabled for proper operation of the device.
When the PLL is enabled, a buffered clock signal is available at
the REFCLK_OUT pin. This clock signal is the same frequency
as the REF_CLK input. This is especially useful when a crystal
is connected, because it gives the user a replica of the crystal
clock for driving other external devices. The REFCLK_OUT
buffer is controlled by two bits as listed in Table 7.
Table 7. REFCLK_OUT Buffer Control
CFR3<31:30>
REFCLK_OUT Buffer
00
Disabled (tristate)
01
Low output current
10
Medium output current
11
High output current
Crystal Driven REF_CLK
When using a crystal at the REF_CLK input, the resonant
frequency should be approximately 25 MHz. Figure 31 shows
the recommended circuit configuration.
REF_CLK
REF_CLK
39pF
39pF
XTAL
90
91
Figure 31. Crystal Connection Diagram
Direct Driven REF_CLK
When driving the REF_CLK inputs directly from a signal
source either single-ended or differential signals can be used.
With a differential signal source, the REF_CLK pins are driven
with complementary signals and ac-coupled with 0.1 μF
capacitors. With a single-ended signal source, either a single-
ended to differential conversion can be employed or the
REF_CLK input can be driven single-ended directly. In either
case, 0.1 μF capacitors are used to ac couple both REF_CLK
pins to avoid disturbing the internal dc bias voltage of ~1.35 V.
See Figure 32 for more details.
The REF_CLK input resistance is ~2.5 kΩ differential (~1.2 kΩ
single-ended). Most signal sources have relatively low output
impedances. The REF_CLK input resistance is relatively high,
therefore, its effect on the termination impedance is negligible
and can usually be chosen to be the same as the output
impedance of the signal source. The bottom two examples in
Figure 32 assume a signal source with a 50 Ω output impedance.
TERMINATION
REF_CLK
DIFFERENTIAL SOURCE,
DIFFERENTIAL INPUT.
SINGLE-ENDED SOURCE,
DIFFERENTIAL INPUT.
SINGLE-ENDED SOURCE,
SINGLE-ENDED INPUT.
90
91
0.1µF
0.1µF
PECL,
LVPECL,
OR
LVDS
DRIVER
REF_CLK
90
91
50Ω
0.1µF
0.1µF
BALUN
(1:1)
REF_CLK
REF_CLK
REF_CLK
REF_CLK
90
91
0.1µF
0.1µF
50Ω
Figure 32. Direct Connection Diagram
Phase-Locked Loop (PLL) Multiplier
An internal phase-locked loop (PLL) provides users of the
AD9910 the option to use a reference clock frequency that is
significantly lower than the system clock frequency. The PLL
supports a wide range of programmable frequency multiplica-
tion factors (12× to 127×) as well as a programmable charge
pump current and external loop filter components (connected
via the PLL_LOOP_FILTER pin). These features add an extra
layer of flexibility to the PLL, allowing optimization of phase
noise performance and flexibility in frequency plan develop-
ment. The PLL is also equipped with a PLL_LOCK pin.
The PLL output frequency range (fSYSCLK) is constrained to the
range of 420 MHz ≤ fSYSCLK ≤ 1 GHz by the internal VCO. In
addition, the user must program the VCO to one of six operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com