Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 14Page - Analog Devices AD9910/PCBZ Datasheet HTML 15Page - Analog Devices AD9910/PCBZ Datasheet HTML 16Page - Analog Devices AD9910/PCBZ Datasheet HTML 17Page - Analog Devices AD9910/PCBZ Datasheet HTML 18Page - Analog Devices AD9910/PCBZ Datasheet HTML 19Page - Analog Devices AD9910/PCBZ Datasheet HTML 20Page - Analog Devices AD9910/PCBZ Datasheet HTML 21Page - Analog Devices AD9910/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
AD9910
Rev. 0 | Page 18 of 60
DIGITAL RAMP MODULATION MODE
In digital ramp modulation mode (Figure 24), the modulated
DDS signal control parameter is supplied directly from the
digital ramp generator (DRG). The ramp generation parameters
are controlled through the serial I/O port.
The ramp generation parameters allow the user to control both
the rising and falling slopes of the ramp. The upper and lower
boundaries of the ramp, the step size and step rate of the rising
portion of the ramp, and the step size and step rate of the falling
portion of the ramp are all programmable.
The ramp is digitally generated with 32-bit output resolution.
The 32-bit output of the DRG can be programmed to represent
frequency, phase, or amplitude. When programmed to represent
frequency, all 32 bits are used. However, when programmed to
represent phase or amplitude, only the 16 MSBs or 14 MSBs,
respectively, are used.
The ramp direction (rising or falling) is externally controlled by
the DRCTL pin. An additional pin (DRHOLD) allows the user
to suspend the ramp generator in its present state.
16
PARALLEL
INPUT
PDCLK
SCLK
SDIO
I/O_RESET
PROFILE
I/O_UPDATE
RAM
POWER
DOWN
CONTROL
DAC_RSET
IOUT
IOUT
CS
TxENABLE
DAC FSC
OSK
A
θ
INVERSE
SINC
FILTER
CLOCK
AMPLITUDE (A)
FREQUENCY (ω)
PHASE (θ)
DIGITAL
RAMP
GENERATOR
8
DAC FSC
8
2
2
MULTICHIP
SYNCHRONIZATION
SYSCLK
PLL
÷2
REF_CLK
REF_CLK
REFCLK_OUT
XTAL_SEL
PARALLEL DATA
TIMING AND
CONTROL
2
AD9910
PROGRAMMING
REGISTERS
OUTPUT
SHIFT
KEYING
DATA
ROUTE
AND
PARTITION
CONTROL
3
INTERNAL CLOCK TIMING
AND CONTROL
ω
Acos (ωt+θ)
Asin (ωt+θ)
2
2
DDS
AUX
DAC
8-BIT
DAC
14-BIT
RAM_SWP_OVR
DRCTL
DRHOLD
DROVER
Figure 24. Digital Ramp Modulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com