Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9910/PCBZ Datasheet HTML 1Page - Analog Devices AD9910/PCBZ Datasheet HTML 2Page - Analog Devices AD9910/PCBZ Datasheet HTML 3Page - Analog Devices AD9910/PCBZ Datasheet HTML 4Page - Analog Devices AD9910/PCBZ Datasheet HTML 5Page - Analog Devices AD9910/PCBZ Datasheet HTML 6Page - Analog Devices AD9910/PCBZ Datasheet HTML 7Page - Analog Devices AD9910/PCBZ Datasheet HTML 8Page - Analog Devices AD9910/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
AD9910
Rev. 0 | Page 4 of 60
GENERAL DESCRIPTION
The AD9910 is a direct digital synthesizer (DDS) featuring
an integrated 14-bit DAC and supporting sample rates up to
1 GSPS. The AD9910 employs an advanced, proprietary DDS
technology that provides a significant reduction in power con-
sumption without sacrificing performance. The DDS/DAC
combination forms a digitally programmable, high frequency,
analog output synthesizer capable of generating a frequency
agile sinusoidal waveform at frequencies up to 400 MHz.
The user has access to the three signal control parameters that
control the DDS: frequency, phase, and amplitude. The DDS
provides fast frequency hopping and frequency tuning resolu-
tion with its 32-bit accumulator. With a 1 GSPS sample rate, the
tuning resolution is ~0.23 Hz. The DDS also enables fast phase
and amplitude switching capability.
The AD9910 is controlled by programming its internal control
registers via a serial I/O port. The AD9910 includes an integrated
static RAM to support various combinations of frequency, phase,
and/or amplitude modulation. The AD9910 also supports a user
defined, digitally controlled, digital ramp mode of operation. In
this mode, the frequency, phase, or amplitude can be varied
linearly over time. For more advanced modulation functions, a
high speed parallel data input port is included to enable direct
frequency, phase, amplitude, or polar modulation.
The AD9910 is specified to operate over the extended industrial
temperature range (see the Absolute Maximum Ratings section
for details).
16
PARALLEL
INPUT
PDCLK
SCLK
SDIO
I/O_RESET
PROFILE
I/O_UPDATE
RAM
POWER
DOWN
CONTROL
DAC_RSET
IOUT
IOUT
CS
TxENABLE
DAC FSC
OSK
RAM_SWP_OVR
A
θ
INVERSE
SINC
FILTER
CLOCK
AMPLITUDE (A)
FREQUENCY (ω)
PHASE (θ)
DIGITAL
RAMP
GENERATOR
8
DAC FSC
8
2
DRCTL
DRHOLD
DROVER
2
MULTICHIP
SYNCHRONIZATION
SYSCLK
PLL
÷2
REF_CLK
REF_CLK
REFCLK_OUT
XTAL_SEL
PARALLEL DATA
TIMING AND
CONTROL
2
AD9910
PROGRAMMING
REGISTERS
OUTPUT
SHIFT
KEYING
DATA
ROUTE
AND
PARTITION
CONTROL
3
INTERNAL CLOCK TIMING
AND CONTROL
ω
Acos (ωt+θ)
Asin (ωt+θ)
2
2
DAC
14-BIT
DDS
AUX
DAC
8-BIT
Figure 2. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com