Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 48Page - Analog Devices AD9910/PCBZ Datasheet HTML 49Page - Analog Devices AD9910/PCBZ Datasheet HTML 50Page - Analog Devices AD9910/PCBZ Datasheet HTML 51Page - Analog Devices AD9910/PCBZ Datasheet HTML 52Page - Analog Devices AD9910/PCBZ Datasheet HTML 53Page - Analog Devices AD9910/PCBZ Datasheet HTML 54Page - Analog Devices AD9910/PCBZ Datasheet HTML 55Page - Analog Devices AD9910/PCBZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
AD9910
Rev. 0 | Page 52 of 60
Register
Name
(Serial
Address)
Bit Range
(Internal
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value5
(Hex)
63:56
Open
Amplitude Scale Factor 6<13:8>
N/A
55:48
Amplitude Scale Factor 6<7:0>
N/A
47:40
Phase Offset Word 6<15:8>
N/A
39:32
Phase Offset Word 6<7:0>
N/A
31:24
Frequency Tuning Word 6<31:24>
N/A
23:16
Frequency Tuning Word 6<23:16>
N/A
15:8
Frequency Tuning Word 6<15:8>
N/A
Single Tone
Profile 6
(0x14)
7:0
Frequency Tuning Word 6<7:0>
N/A
63:56>
Open
N/A
55:48
RAM Profile 6 Address Step Rate<15:8>
N/A
47:40
RAM Profile 6 Address Step Rate<7:0>
N/A
39:32
RAM Profile 6 Waveform End Address<9:2>
N/A
31:24
RAM Profile 6
Waveform End
Address<1:0>
Open
N/A
23:16
RAM Profile 6 Waveform Start Address<9:2>
N/A
15:8
AM Profile 6 Waveform
Start Address <1:0>
Open
N/A
RAM
Profile 6
(0x14)
7:0
Open
No-Dwell
High
Open
Zero-
Crossing
RAM Profile 6 Mode Control<2:0>
N/A
63:56
Open
Amplitude Scale Factor 7<13:8>
N/A
55:48
Amplitude Scale Factor 7<7:0>
N/A
47:40
Phase Offset Word 7<15:8>
N/A
39:32
Phase Offset Word 7<7:0>
N/A
31:24
Frequency Tuning Word 7<31:24>
N/A
23:16
Frequency Tuning Word 7<23:16>
N/A
15:8
Frequency Tuning Word 7<15:8>
N/A
Single Tone
Profile 7
(0x15)
7:0
Frequency Tuning Word 7<7:0>
N/A
63:56
Open
N/A
55:48
RAM Profile 7 Address Step Rate<15:8>
N/A
47:40
RAM Profile 7 Address Step Rate<7:0>
N/A
39:32
RAM Profile 7 Waveform End Address<9:2>
N/A
31:24
RAM Profile 7 Waveform
End Address <1:0>
Open
N/A
23:16
RAM Profile 7 Waveform Start Address<9:2>
N/A
15:8
RAM Profile 7
Waveform Start Address
<1:0>
Open
N/A
RAM
Profile 7
(0x15)
7:0
Open
No-Dwell
High
Open
Zero-
Crossing
RAM Profile 7 Mode Control<2:0>
N/A
RAM (0x16)
31:0
RAM[1023:0]<31:0>
N/A
5 N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com