Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 49Page - Analog Devices AD9910/PCBZ Datasheet HTML 50Page - Analog Devices AD9910/PCBZ Datasheet HTML 51Page - Analog Devices AD9910/PCBZ Datasheet HTML 52Page - Analog Devices AD9910/PCBZ Datasheet HTML 53Page - Analog Devices AD9910/PCBZ Datasheet HTML 54Page - Analog Devices AD9910/PCBZ Datasheet HTML 55Page - Analog Devices AD9910/PCBZ Datasheet HTML 56Page - Analog Devices AD9910/PCBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
AD9910
Rev. 0 | Page 53 of 60
REGISTER BIT DESCRIPTIONS
The serial I/O port registers span an address range of 0 to 23
(0x00 to 0x16 in hexadecimal notation). This represents a total
of 24 registers. However, two of these registers are unused
yielding a total of 22 available registers. The unused registers are
Register 5 and Register 6 (0x05 and 0x06, respectively).
The number of bytes assigned to the registers varies from
register to register. That is, the registers are not of uniform
depth; each contains the number of bytes necessary for its
particular function. Additionally, the registers are assigned
names according to their functionality. In some cases, a register
is given a mnemonic descriptor. For example, the register at
Serial Address 0x00 is named Control Function Register 1 and
is assigned the mnemonic CFR1.
The following section provides a detailed description of each bit
in the AD9910 register map. Of course, for cases in which a
group of bits serve a specific function, the entire group is
considered as a binary word and described in aggregate.
This section is organized in sequential order of the serial
addresses of the registers. Each subheading includes the register
name and optional register mnemonic (in parentheses). Also
given is the serial address in hexadecimal format and the
number of bytes assigned to the register.
Following each subheading is a table containing the individual
bit descriptions for that particular register. The location of the
bit(s) in the register are indicated by a single number or a pair
of numbers separated by a colon. That is, a pair of numbers
(A:B) indicates a range of bits from the most significant (A) to
the least significant (B). For example, 5:2 implies Bit Position 5
down to Bit Position 2, inclusive, with Bit 0 identifying the LSB
of the register.
Unless otherwise stated, programmed bits are not transferred to
their internal destinations until the assertion of the I/O_UPDATE
pin or a profile change.
Control Function Register 1 (CFR1)
Address 0x00; 4 bytes are assigned to this register.
Table 17. Bit Description for CFR1
Bit(s)
Descriptor
Explanation
31
RAM Enable
0 = disables RAM functionality (default).
1 = enables RAM functionality (required for both load/retrieve and playback operation).
30:29
RAM Playback Destination
See Table 12 for details; default is 002.
28:24
Not Available
23
Ineffective unless Bits<9:8> = 102.
Manual OSK External
Control
0 = OSK pin inoperative (default).
1 = OSK pin enabled for manual OSK control (see Output Shift Keying (OSK) section for
details).
22
Inverse Sinc Filter Enable
0 = Inverse sinc filter bypassed (default).
1 = Inverse sinc filter active.
21
Not Available
20:17
Internal Profile Control
Ineffective unless Bit 31 = 1. These bits are effective without the need for an I/O update.
See Table 14 for details. Default is 00002.
16
Select DDS Sine Output
0 = cosine output of the DDS is selected (default).
1 = sine output of the DDS is selected.
15
Load LRR @ I/O Update
Ineffective unless CFR2<19> = 1.
0 = normal operation of the digital ramp timer (default).
1 = digital ramp timer loaded any time I/O_UPDATE is asserted or a profile change occurs.
0 = normal operation of the DRG accumulator (default).
14
Autoclear Digital Ramp
Accumulator
1 = the ramp accumulator is reset for one cycle of the DDS clock after which the
accumulator automatically resumes normal operation. As long as this bit remains set, the
ramp accumulator is momentarily reset each time an I/O update is asserted or a profile
change occurs. This bit is synchronized with either an I/O update or a profile change and
the next rising edge of SYNC_CLK.
0 = normal operation of the DDS phase accumulator (default).
13
Autoclear Phase
Accumulator
1 = synchronously resets the DDS phase accumulator anytime I/O_UPDATE is asserted or a
profile change occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com