Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 32Page - Analog Devices AD9910/PCBZ Datasheet HTML 33Page - Analog Devices AD9910/PCBZ Datasheet HTML 34Page - Analog Devices AD9910/PCBZ Datasheet HTML 35Page - Analog Devices AD9910/PCBZ Datasheet HTML 36Page - Analog Devices AD9910/PCBZ Datasheet HTML 37Page - Analog Devices AD9910/PCBZ Datasheet HTML 38Page - Analog Devices AD9910/PCBZ Datasheet HTML 39Page - Analog Devices AD9910/PCBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
AD9910
Rev. 0 | Page 36 of 60
RAM_SWP_OVER
WAVEFORM START ADDRESS 0
WAVEFORM END ADDRESS 0
1
WAVEFORM START ADDRESS 1
WAVEFORM END ADDRESS 1
1
WAVEFORM END ADDRESS 2
1
RAM PROFILE
01
2
WAVEFORM START ADDRESS 2
RAM
ADDRESS
I/O_UPDATE
Δ
t0
Δ
t1
Δ
t2
1
2
3
4
5
6
7
Figure 44. Internal Profile Control Timing Diagram (Burst)
The gray bar across the top indicates the time interval over
which the designated profile is in effect. The circled numbers
indicate specific events as follows:
Event 1—An I/O update registers the Internal Profile Control
bits (in Control Function Register 1) are as 0010. The
RAM_SWP_OVR pin is set to Logic 0. The state machine is
initialized to the waveform start address of RAM Profile 0 and
begins incrementing through the address range for RAM
Profile 0 at intervals of Δt0 (as specified by the address step rate
for RAM Profile 0).
Event 2—The state machine reaches the waveform end address
of RAM Profile 0 and the RAM_SWP_OVR pin generates a
positive pulse spanning two DDS clock cycles.
Event 3—Having reached the waveform end address of RAM
Profile 0, the next expiration of the internal timer causes the
state machine to advance to RAM Profile 1. The state machine
is initialized to the waveform start address of RAM Profile 1
and begins incrementing through the address range for RAM
Profile 1 at intervals of Δt1.
Event 4—The state machine reaches the waveform end address
of RAM Profile 1 and the RAM_SWP_OVR pin generates a
positive pulse spanning two DDS clock cycles.
Event 5—Having reached the waveform end address of RAM
Profile 1, the next expiration of the internal timer causes the
state machine to advance to RAM Profile 2. The state machine
initializes to the waveform start address of RAM Profile 2 and
begins incrementing through the address range for RAM
Profile 2 at intervals of Δt2.
Event 6—The state machine reaches the waveform end address of
RAM Profile 2 and the RAM_SWP_OVR pin generates a positive
pulse spanning two DDS clock cycles.
Event 7—Having reached the waveform end address of RAM
Profile 2, the next expiration of the internal timer causes the
state machine to halt and marks completion of the burst
waveform generation process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com