Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9910/PCBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9910/PCBZ
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910/PCBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9910/PCBZ Datasheet HTML 6Page - Analog Devices AD9910/PCBZ Datasheet HTML 7Page - Analog Devices AD9910/PCBZ Datasheet HTML 8Page - Analog Devices AD9910/PCBZ Datasheet HTML 9Page - Analog Devices AD9910/PCBZ Datasheet HTML 10Page - Analog Devices AD9910/PCBZ Datasheet HTML 11Page - Analog Devices AD9910/PCBZ Datasheet HTML 12Page - Analog Devices AD9910/PCBZ Datasheet HTML 13Page - Analog Devices AD9910/PCBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
AD9910
Rev. 0 | Page 10 of 60
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O1
Description
1, 20, 72, 86, 87,
93, 97 to 100
NC
Not Connected. Allow device pins to float.
2
PLL_LOOP_FILTER
I
PLL Loop Filter Compensation Pin. See the External PLL Loop Filter Components section for
details.
3, 6, 89, 92
AVDD (1.8V)
Analog Core VDD, 1.8 V Analog Supplies.
74 to 77, 83
AVDD (3.3V)
Analog DAC VDD, 3.3 V Analog Supplies.
17, 23, 30, 47,
57, 64
DVDD (1.8V)
Digital Core VDD, 1.8 V Digital Supplies.
11, 15, 21, 28, 45,
56, 66
DVDD_I/O (3.3V)
Digital Input/Output VDD, 3.3 V Digital Supplies.
4, 5, 73, 78, 79,
82, 85, 88, 96
AGND
Analog Ground.
13, 16, 22, 29, 46,
51, 58, 65
DGND
Digital Ground.
7
SYNC_IN+
I
Synchronization Signal, Digital Input (Rising Edge Active). The synchronization signal from
the external master to synchronize internal subclocks. See the Synchronization of Multiple
Devices section for details.
8
SYNC_IN−
I
Synchronization Signal, Digital Input (Rising Edge Active). The synchronization signal from
the external master to synchronize internal subclocks. See the Synchronization of Multiple
Devices section for details.
9
SYNC_OUT+
O
Synchronization Signal, Digital Output (Rising Edge Active). The synchronization signal
from the internal device subclocks to synchronize external slave devices. See the
Synchronization of Multiple Devices section for details.
10
SYNC_OUT−
O
Synchronization Signal, Digital Output (Rising Edge Active). The synchronization signal
from the internal device subclocks to synchronize external slave devices. See the
Synchronization of Multiple Devices section for details.
12
SYNC_SMP_ERR
O
Synchronization Sample Error, Digital Output (Active High). Sync sample error: a high on
this pin indicates that the AD9910 did not receive a valid sync signal on SYNC_IN+/SYNC_IN−.
14
MASTER_RESET
I
Master Reset, Digital Input (Active High). Master reset: clears all memory elements and sets
registers to default values.
18
EXT_PWR_DWN
I
External Power-Down, Digital Input (Active High). A high level on this pin initiates the
currently programmed power-down mode. See the Power-Down Control section of this
document for further details. If unused, connect to ground.
19
PLL_LOCK
O
Clock Multiplier PLL Lock, Digital Output (Active High). A high on this pin indicates the
Clock Multiplier PLL has acquired lock to the reference clock input.
24
RAM_SWP_OVR
O
RAM Sweep Over, Digital Output (Active High). A high on this pin indicates the RAM sweep
profile has completed.
25 to 27, 31 to 39,
42 to 44, 48
D<15:0>
I
Parallel Input Bus (Active High).
49, 50
F<1:0>
I
Modulation Format Pin. Digital input to determine the modulation format.
40
PDCLK
O
Parallel Data Clock. This is the digital output (clock). The parallel data clock provides a
timing signal for aligning data at the parallel inputs.
41
TxENABLE
I
Transmit Enable. Digital input (active high). In burst mode communications, a high on this
pin indicates new data for transmission. In continuous mode, this pin remains high.
52 to 54
PROFILE<2:0>
I
Profile Select Pins. Digital inputs (active high). Use these pins to select one of eight
phase/frequency profiles for the DDS. Changing the state of one of these pins transfers the
current contents of all I/O buffers to the corresponding registers. State changes should be
set up on the SYNC_CLK pin.
55
SYNC_CLK
O
Output Clock Divided-By-Four. A digital output (clock). Many of the digital inputs on the
chip, such as I/O_UPDATE and PROFILE<2:0> need to be set up on the rising edge of this
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com