Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-18
Freescale Semiconductor
2.10
Enhanced Serial Audio Interface_1
Table 2-12 Enhanced Serial Audio Interface_1 Signals
Signal
Name
Signal Type
State during
Reset
Signal Description
FSR_1
Input or output
GPIO
disconnected
Frame Sync for Receiver_1—This is the receiver frame sync input/output
signal. In the asynchronous mode (SYN=0), the FSR pin operates as the
frame sync input or output used by all the enabled receivers. In the
synchronous mode (SYN=1), it operates as either the serial flag 1 pin
(TEBE=0), or as the transmitter external buffer enable control (TEBE=1,
RFSD=1).
When this pin is configured as serial flag pin, its direction is determined by
the RFSD bit in the RCCR register. When configured as the output flag OF1,
this pin will reflect the value of the OF1 bit in the SAICR register, and the
data in the OF1 bit will show up at the pin synchronized to the frame sync in
normal mode or the slot in network mode. When configured as the input flag
IF1, the data value at the pin will be stored in the IF1 bit in the SAISR
register, synchronized by the frame sync in normal mode or the slot in
network mode.
PE1
Input, output, or
disconnected
GPIO
disconnected
Port E 1—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input cannot tolerate 5 V.
FST_1
Input or output
GPIO
disconnected
Frame Sync for Transmitter_1—This is the transmitter frame sync
input/output signal. For synchronous mode, this signal is the frame sync for
both transmitters and receivers. For asynchronous mode, FST is the frame
sync for the transmitters only. The direction is determined by the transmitter
frame sync direction (TFSD) bit in the ESAI transmit clock control register
(TCCR).
PE4
Input, output, or
disconnected
GPIO
disconnected
Port E 4—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input cannot tolerate 5 V.
SCKR_1
Input or output
GPIO
disconnected
Receiver Serial Clock_1—SCKR provides the receiver serial bit clock for
the ESAI. The SCKR operates as a clock input or output used by all the
enabled receivers in the asynchronous mode (SYN=0), or as serial flag 0 pin
in the synchronous mode (SYN=1).
When this pin is configured as serial flag pin, its direction is determined by
the RCKD bit in the RCCR register. When configured as the output flag OF0,
this pin will reflect the value of the OF0 bit in the SAICR register, and the
data in the OF0 bit will show up at the pin synchronized to the frame sync in
normal mode or the slot in network mode. When configured as the input flag
IF0, the data value at the pin will be stored in the IF0 bit in the SAISR
register, synchronized by the frame sync in normal mode or the slot in
network mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com