Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-16
Freescale Semiconductor
3.10.2
DRAM Timing
The selection guides provided in Figure 3-11 and Figure 3-14 should be used for primary selection only.
Final selection should be based on the timing provided in the following tables. As an example, the selection
guide suggests that 4 wait states must be used for 100 MHz operation when using Page Mode DRAM.
However, by using the information in the appropriate table, a designer may choose to evaluate whether
fewer wait states might be used by determining which timing prevents operation at 100 MHz, running the
chip at a slightly lower frequency (e.g., 95 MHz), using faster DRAM (if it becomes available), and control
factors such as capacitive and resistive load to improve overall system performance.
Figure 3-11 DRAM Page Mode Wait States Selection Guide
Chip Frequency
(MHz)
DRAM Type
(tRAC ns)
100
80
70
60
40
66
80
100
1 Wait States
2 Wait States
3 Wait States
4 Wait States
Notes This figure should be use for primary selection. For
exact and detailed timings see the following tables.
AA0472
50
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com