Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-1
3
Specifications
3.1
Introduction
The DSP56366 is a high density CMOS device with Transistor-Transistor Logic (TTL) compatible inputs
and outputs. The DSP56366 specifications are preliminary and are from design simulations, and may not
be fully tested or guaranteed. Finalized specifications will be published after full characterization and
device qualifications are complete.
3.2
Maximum Ratings
CAUTION
This device contains circuitry protecting against damage due to high static
voltage or electrical fields. However, normal precautions should be taken to
avoid exceeding maximum voltage ratings. Reliability of operation is
enhanced if unused inputs are pulled to an appropriate logic voltage level
(e.g., either GND or VCC). The suggested value for a pullup or pulldown
resistor is 10 k
Ω.
NOTE
In the calculation of timing requirements, adding a maximum value of one
specification to a minimum value of another specification does not yield a
reasonable sum. A maximum specification is calculated using a worst case
variation of process parameter values in one direction. The minimum
specification is calculated using the worst case for the same parameters in
the opposite direction. Therefore, a “maximum” value for a specification
will never occur in the same device that has a “minimum” value for another
specification; adding a maximum to a minimum represents a condition that
can never exist.
Table 3-1 Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage
VCC
−0.3 to +4.0
V
All input voltages excluding “5 V tolerant” inputs3
VIN
GND -0.3 to VCC + 0.3
V
All “5 V tolerant” input voltages3
VIN5
GND
− 0.3 to V
CC + 3.95
V
Current drain per pin excluding VCC and GND
I
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com