Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-7
14
Mode select hold time
0.0
—
ns
15
Minimum edge-triggered interrupt request assertion width
5.5
—
ns
16
Minimum edge-triggered interrupt request deassertion width
5.5
—
ns
17
Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to
external memory access address out valid
• Caused by first interrupt instruction fetch
• Caused by first interrupt instruction execution
4.25
× T
C + 2.0
7.25
× T
C + 2.0
37.4
62.4
—
—
ns
ns
18
Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to
general-purpose transfer output valid caused by first interrupt
instruction execution
10
× T
C + 5.0
88.3
—
ns
19
Delay from address output valid caused by first interrupt
instruction execute to interrupt request deassertion for level
sensitive fast interrupts5
3.75
× T
C + WS × TC – 10.94
—
Note6
ns
20
Delay from RD assertion to interrupt request deassertion for
level sensitive fast interrupts5
3.25
× T
C + WS × TC – 10.94
—
Note 6
ns
21
Delay from WR assertion to interrupt request deassertion for
level sensitive fast interrupts5
• DRAM for all WS
• SRAM WS = 1
• SRAM WS = 2, 3
•
SRAM WS
≥ 4
(WS + 3.5)
× T
C – 10.94
(WS + 3.5)
× T
C – 10.94
(WS + 3)
× T
C – 10.94
(WS + 2.5)
× T
C – 10.94
—
—
—
—
Note 6
Note 6
Note 6
Note 6
ns
24
Duration for IRQA assertion to recover from Stop state
4.9
—
25
Delay from IRQA assertion to fetch of first instruction (when
exiting Stop)2, 7
• PLL is not active during Stop (PCTL Bit 17 = 0) and Stop
delay is enabled (OMR Bit 6 = 0)
• PLL is not active during Stop (PCTL Bit 17 = 0) and Stop
delay is not enabled (OMR Bit 6 = 1)
• PLL is active during Stop (PCTL Bit 17 = 1) (Implies No
Stop Delay)
PLC
× ET
C × PDF + (128 K −
PLC/2)
× T
C
PLC
× ET
C × PDF + (23.75 ±
0.5)
× T
C
(8.25
± 0.5) × T
C
—
—
64.6
—
—
72.9
ms
ms
ms
26
Duration of level sensitive IRQA assertion to ensure interrupt
service (when exiting Stop)2, 7
• PLL is not active during Stop (PCTL Bit 17 = 0) and Stop
delay is enabled (OMR Bit 6 = 0)
• PLL is not active during Stop (PCTL Bit 17 = 0) and Stop
delay is not enabled (OMR Bit 6 = 1)
• PLL is active during Stop (PCTL Bit 17 = 1) (implies no
Stop delay)
PLC
× ET
C × PDF + (128K −
PLC/2)
× T
C
PLC
× ET
C × PDF + (20.5 ± 0.5)
× T
C
5.5
× T
C
—
—
45.8
—
—
—
ms
ms
ns
Table 3-7 Reset, Stop, Mode Select, and Interrupt Timing1 (continued)
No.
Characteristics
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com