Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-45
152
SCK edge to data out valid
(data out delay time)
Master/Slave
Bypassed
2
×T
C+33
—
49.7
ns
Narrow
2
×T
C+123
—
139.7
ns
Wide
2
×T
C+210
—
226.7
ns
153
SCK edge to data out not valid
(data out hold time)
Master/Slave
Bypassed
TC+5
13.3
—
ns
Narrow
TC+55
63.3
—
ns
Wide
TC+106
114.3
—
ns
154
SS assertion to data out valid
(CPHA = 0)
Slave
—
TC+33
—
41.3
ns
157
First SCK sampling edge to HREQ output
deassertion
Slave
Bypassed
2.5
×T
C+30
—
50.8
ns
Narrow
2.5
×T
C+120
—
140.8
ns
Wide
2.5
×T
C+217
—
237.8
ns
158
Last SCK sampling edge to HREQ output
not deasserted (CPHA = 1)
Slave
Bypassed
2.5
×T
C+30
50.8
—
ns
Narrow
2.5
×T
C+80
100.8
—
ns
Wide
2.5
×T
C+136
156.8
—
ns
159
SS deassertion to HREQ output not
deasserted (CPHA = 0)
Slave
—
2.5
×T
C+30
50.8
—
ns
160
SS deassertion pulse width (CPHA = 0)
Slave
—
TC+6
14.3
—
ns
161
HREQ in assertion to first SCK edge
Master
Bypassed
0.5
× t
SPICC +
2.5
×T
C+43
111.8
—
ns
Narrow
0.5
×t
SPICC +
2.5
×T
C+43
164.8
—
ns
Wide
0.5
×t
SPICC +
2.5
×T
C+43
200.3
—
ns
162
HREQ in deassertion to last SCK
sampling edge (HREQ in set-up time)
(CPHA = 1)
Master
—
0
0
—
ns
163
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
—
0
0
—
ns
1 V
CC = 3.16 V ± 0.16 V; TJ = –40°C to +110°C, CL = 50 pF
2 Periodically sampled, not 100% tested
Table 3-19 Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics1
Mode
Filter
Mode
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com