Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-7
BG
Input
Ignored Input Bus Grant—BG is an active-low input. BG is asserted by an external bus
arbitration circuit when the DSP56366 becomes the next bus master. When BG
is asserted, the DSP56366 must wait until BB is deasserted before taking bus
mastership. When BG is deasserted, bus mastership is typically given up at the
end of the current bus cycle. This may occur in the middle of an instruction that
requires more than one external bus cycle for execution.
For proper BG operation, the asynchronous bus arbitration enable bit (ABE) in
the OMR register must be set.
BB
Input/Output
Input
Bus Busy—BB is a bidirectional active-low input/output. BB indicates that the
bus is active. Only after BB is deasserted can the pending bus master become
the bus master (and then assert the signal again). The bus master may keep
BB asserted after ceasing bus activity regardless of whether BR is asserted or
deasserted. This is called “bus parking” and allows the current bus master to
reuse the bus without rearbitration until another device requires the bus. The
deassertion of BB is done by an “active pull-up” method (i.e., BB is driven high
and then released and held high by an external pull-up resistor).
For proper BB operation, the asynchronous bus arbitration enable bit (ABE) in
the OMR register must be set.
BB requires an external pull-up resistor.
Table 2-7 External Bus Control Signals (continued)
Signal Name
Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com