Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-26
Freescale Semiconductor
165
RAS assertion to CAS deassertion
tCSH
2.75
× T
C − 4.0
133.5
—
87.7
—
ns
166
CAS assertion pulse width
tCAS
1.25
× T
C − 4.0
58.5
—
37.7
—
ns
167
RAS assertion to CAS assertion
tRCD
1.5
× T
C ± 2
73.0
77.0
48.0
52.0
ns
168
RAS assertion to column address valid
tRAD
1.25
× T
C ± 2
60.5
64.5
39.7
43.7
ns
169
CAS deassertion to RAS assertion
tCRP
2.25
× T
C − 4.0
108.5
—
71.0
—
ns
170
CAS deassertion pulse width
tCP
1.75
× T
C − 4.0
83.5
—
54.3
—
ns
171
Row address valid to RAS assertion
tASR
1.75
× T
C − 4.0
83.5
—
54.3
—
ns
172
RAS assertion to row address not valid
tRAH
1.25
× T
C − 4.0
58.5
—
37.7
—
ns
173
Column address valid to CAS assertion
tASC
0.25
× T
C − 4.0
8.5
—
4.3
—
ns
174
CAS assertion to column address not valid
tCAH
1.75
× T
C − 4.0
83.5
—
54.3
—
ns
175
RAS assertion to column address not valid
tAR
3.25
× T
C − 4.0
158.5
—
104.3
—
ns
176
Column address valid to RAS deassertion
tRAL
2
× T
C − 4.0
96.0
—
62.7
—
ns
177
WR deassertion to CAS assertion
tRCS
1.5
× T
C − 3.8
71.2
—
46.2
—
ns
178
CAS deassertion to WR assertion
tRCH
0.75
× T
C − 3.7
33.8
—
21.3
—
ns
179
RAS deassertion to WR assertion
tRRH
0.25
× T
C − 3.7
8.8
—
4.6
—
ns
180
CAS assertion to WR deassertion
tWCH
1.5
× T
C − 4.2
70.8
—
45.8
—
ns
181
RAS assertion to WR deassertion
tWCR
3
× T
C − 4.2
145.8
—
95.8
—
ns
182
WR assertion pulse width
tWP
4.5
× T
C − 4.5
220.5
—
145.5
—
ns
183
WR assertion to RAS deassertion
tRWL
4.75
× T
C − 4.3
233.2
—
154.0
—
ns
184
WR assertion to CAS deassertion
tCWL
4.25
× T
C − 4.3
208.2
—
137.4
—
ns
185
Data valid to CAS assertion (write)
tDS
2.25
× T
C − 4.0
108.5
—
71.0
—
ns
186
CAS assertion to data not valid (write)
tDH
1.75
× T
C − 4.0
83.5
—
54.3
—
ns
187
RAS assertion to data not valid (write)
tDHR
3.25
× T
C − 4.0
158.5
—
104.3
—
ns
188
WR assertion to CAS assertion
tWCS
3
× T
C − 4.3
145.7
—
95.7
—
ns
189
CAS assertion to RAS assertion (refresh)
tCSR
0.5
× T
C − 4.0
21.0
—
12.7
—
ns
190
RAS deassertion to CAS assertion (refresh)
tRPC
1.25
× T
C − 4.0
58.5
—
37.7
—
ns
Table 3-13 DRAM Out-of-Page and Refresh Timings, Four Wait States1, 2 (continued)
No.
Characteristics3
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com