Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-62
Freescale Semiconductor
Figure 3-39 Test Clock Input Timing Diagram
Figure 3-40 Boundary Scan (JTAG) Timing Diagram
509
TMS, TDI data hold time
25.0
—
ns
510
TCK low to TDO data valid
0.0
44.0
ns
511
TCK low to TDO high impedance
0.0
44.0
ns
Notes: 1.
4.
1 V
CC = 3.3 V ± 0.16 V; TJ = –40°C to +110°C, CL = 50 pF
2 All timings apply to OnCE module data transfers because it uses the JTAG port as an interface.
Table 3-26
JTAG Timing1, 2 (continued)
No.
Characteristics
All frequencies
Unit
Min
Max
TCK
(Input)
VM
VM
VIH
VIL
501
502
502
503
503
AA0496
TCK
(Input)
Data
Inputs
Data
Outputs
Data
Outputs
Data
Outputs
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
505
504
506
507
506
AA0497



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com