Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-19
PE0
Input, output, or
disconnected
GPIO
disconnected
Port E 0—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input cannot tolerate 5 V.
SCKT_1
Input or output
GPIO
disconnected
Transmitter Serial Clock_1—This signal provides the serial bit rate clock
for the ESAI. SCKT is a clock input or output used by all enabled
transmitters and receivers in synchronous mode, or by all enabled
transmitters in asynchronous mode.
PE3
Input, output, or
disconnected
GPIO
disconnected
Port E 3—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input cannot tolerate 5 V.
SDO5_1
Output
GPIO
disconnected
Serial Data Output 5_1—When programmed as a transmitter, SDO5 is
used to transmit data from the TX5 serial transmit shift register.
SDI0_1
Input
GPIO
disconnected
Serial Data Input 0_1—When programmed as a receiver, SDI0 is used to
receive serial data into the RX0 serial receive shift register.
PE6
Input, output, or
disconnected
GPIO
disconnected
Port E 6—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input cannot tolerate 5 V.
SDO4_1
Output
GPIO
disconnected
Serial Data Output 4_1—When programmed as a transmitter, SDO4 is
used to transmit data from the TX4 serial transmit shift register.
SDI1_1
Input
GPIO
disconnected
Serial Data Input 1_1—When programmed as a receiver, SDI1 is used to
receive serial data into the RX1 serial receive shift register.
PE7
Input, output, or
disconnected
GPIO
disconnected
Port E 7—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Table 2-12 Enhanced Serial Audio Interface_1 Signals
Signal
Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com