Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
5-4
Freescale Semiconductor
where:
ItypF2 = current at F2
ItypF1 = current at F1
F2
= high frequency (any specified operating frequency)
F1
= low frequency (any specified operating frequency lower than F2)
NOTE
F1 should be significantly less than F2. For example, F2 could be 66 MHz
and F1 could be 33 MHz. The degree of difference between F1 and F2
determines the amount of precision with which the current rating can be
determined for an application.
5.4
PLL Performance Issues
The following explanations should be considered as general observations on expected PLL behavior.
There is no testing that verifies these exact numbers. These observations were measured on a limited
number of parts and were not verified over the entire temperature and voltage ranges.
5.4.1
Phase Jitter Performance
The phase jitter of the PLL is defined as the variations in the skew between the falling edges of EXTAL
and the internal DSP clock for a given device in specific temperature, voltage, input frequency and MF.
These variations are a result of the PLL locking mechanism. For input frequencies greater than 15 MHz
and MF
≤ 4, this jitter is less than ±0.6 ns; otherwise, this jitter is not guaranteed. However, for MF < 10
and input frequencies greater than 10 MHz, this jitter is less than
±2 ns.
5.4.2
Frequency Jitter Performance
The frequency jitter of the PLL is defined as the variation of the frequency of the internal DSP clock. For
small MF (MF < 10) this jitter is smaller than 0.5%. For mid-range MF (10 < MF < 500) this jitter is
between 0.5% and approximately 2%. For large MF (MF > 500), the frequency jitter is 2–3%.
5.4.3
Input (EXTAL) Jitter Requirements
The allowed jitter on the frequency of EXTAL is 0.5%. If the rate of change of the frequency of EXTAL
is slow (i.e., it does not jump between the minimum and maximum values in one cycle) or the frequency
of the jitter is fast (i.e., it does not stay at an extreme value for a long time), then the allowed jitter can be
2%. The phase and frequency jitter performance results are only valid if the input jitter is less than the
prescribed values.
IMIPS
⁄
IMHz
⁄
I
(
typF2
ItypF1 ) F2 F1
=
()
⁄
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com