Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-55
444
Flags input setup before RXC falling
edge
——
0.0
19.0
—
—
x ck
i ck s
ns
445
Flags input hold time after RXC falling
edge
——
6.0
0.0
—
—
x ck
i ck s
ns
446
TXC rising edge to FST out (bl) high
—
—
—
—
29.0
15.0
x ck
i ck
ns
447
TXC rising edge to FST out (bl) low
—
—
—
—
31.0
17.0
x ck
i ck
ns
448
TXC rising edge to FST out (wr) high6
——
—
—
31.0
17.0
x ck
i ck
ns
449
TXC rising edge to FST out (wr) low6
——
—
—
33.0
19.0
x ck
i ck
ns
450
TXC rising edge to FST out (wl) high
—
—
—
—
30.0
16.0
x ck
i ck
ns
451
TXC rising edge to FST out (wl) low
—
—
—
—
31.0
17.0
x ck
i ck
ns
452
TXC rising edge to data out enable from
high impedance
——
—
—
31.0
17.0
x ck
i ck
ns
453
TXC rising edge to transmitter #0 drive
enable assertion
——
—
—
34.0
20.0
x ck
i ck
ns
454
TXC rising edge to data out valid
—
23 + 0.5
× T
C
21.0
—
—
27.2
21.0
x ck
i ck
ns
455
TXC rising edge to data out high
impedance7
——
—
—
31.0
16.0
x ck
i ck
ns
456
TXC rising edge to transmitter #0 drive
enable deassertion7
——
—
—
34.0
20.0
x ck
i ck
ns
457
FST input (bl, wr) setup time before TXC
falling edge6
——
2.0
21.0
—
—
x ck
i ck
ns
458
FST input (wl) to data out enable from
high impedance
—
—
—
27.0
—
ns
459
FST input (wl) to transmitter #0 drive
enable assertion
—
—
—
31.0
—
ns
Table 3-22 Enhanced Serial Audio Interface Timing (continued)
No.
Characteristics1, 2, 3
Symbol
Expression
Min
Max
Condition4
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com