Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-29
193 RD deassertion to data not valid4
tGZ
0.0
0.0
—
0.0
—
ns
194 WR assertion to data active
0.75
× T
C − 0.3
11.1
—
9.1
—
ns
195 WR deassertion to data high impedance
0.25
× T
C
—3.8
—3.1
ns
1 The number of wait states for out-of-page access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
4 The asynchronous delays specified in the expressions are valid for DSP56366.
5 Either t
RCH or tRRH must be satisfied for read cycles.
Table 3-15 DRAM Out-of-Page and Refresh Timings, Eleven Wait States1, 2
No.
Characteristics3
Symbol
Expression4
Min
Max
Unit
157
Random read or write cycle time
tRC
12
× T
C
120.0
—
ns
158
RAS assertion to data valid (read)
tRAC
6.25
× T
C − 7.0
—
55.5
ns
159
CAS assertion to data valid (read)
tCAC
3.75
× T
C − 7.0
—
30.5
ns
160
Column address valid to data valid (read)
tAA
4.5
× T
C − 7.0
—
38.0
ns
161
CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
ns
162
RAS deassertion to RAS assertion
tRP
4.25
× T
C − 4.0
38.5
—
ns
163
RAS assertion pulse width
tRAS
7.75
× T
C − 4.0
73.5
—
ns
164
CAS assertion to RAS deassertion
tRSH
5.25
× T
C − 4.0
48.5
—
ns
165
RAS assertion to CAS deassertion
tCSH
6.25
× T
C − 4.0
58.5
—
ns
166
CAS assertion pulse width
tCAS
3.75
× T
C − 4.0
33.5
—
ns
167
RAS assertion to CAS assertion
tRCD
2.5
× T
C ± 4.0
21.0
29.0
ns
168
RAS assertion to column address valid
tRAD
1.75
× T
C ± 4.0
13.5
21.5
ns
169
CAS deassertion to RAS assertion
tCRP
5.75
× T
C − 4.0
53.5
—
ns
170
CAS deassertion pulse width
tCP
4.25
× T
C − 4.0
38.5
—
ns
171
Row address valid to RAS assertion
tASR
4.25
× T
C − 4.0
38.5
—
ns
172
RAS assertion to row address not valid
tRAH
1.75
× T
C − 4.0
13.5
—
ns
173
Column address valid to CAS assertion
tASC
0.75
× T
C − 4.0
3.5
—
ns
Table 3-14 DRAM Out-of-Page and Refresh Timings, Eight Wait States1, 2 (continued)
No.
Characteristics3
Symbol
Expression4
66 MHz
80 MHz
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com