Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-5
2.5.1
External Address Bus
2.5.2
External Data Bus
2.5.3
External Bus Control
Table 2-5 External Address Bus Signals
Signal
Name
Type
State
during
Reset
Signal Description
A0–A17
Output
Tri-stated
Address Bus—When the DSP is the bus master, A0–A17 are active-high outputs
that specify the address for external program and data memory accesses.
Otherwise, the signals are tri-stated. To minimize power dissipation, A0–A17 do not
change state when external memory spaces are not being accessed.
Table 2-6 External Data Bus Signals
Signal
Name
Type
State
during
Reset
Signal Description
D0–D23
Input/Output
Tri-stated
Data Bus—When the DSP is the bus master, D0–D23 are active-high,
bidirectional input/outputs that provide the bidirectional data bus for external
program and data memory accesses. Otherwise, D0–D23 are tri-stated.
Table 2-7 External Bus Control Signals
Signal Name
Type
State during
Reset
Signal Description
AA0–AA2/
RAS0–RAS2
Output
Tri-stated
Address Attribute or Row Address Strobe—When defined as AA, these
signals can be used as chip selects or additional address lines. When defined
as RAS, these signals can be used as RAS for DRAM interface. These signals
are tri-statable outputs with programmable polarity.
CAS
Output
Tri-stated
Column Address Strobe— When the DSP is the bus master, CAS is an
active-low output used by DRAM to strobe the column address. Otherwise, if the
bus mastership enable (BME) bit in the DRAM control register is cleared, the
signal is tri-stated.
RD
Output
Tri-stated
Read Enable—When the DSP is the bus master, RD is an active-low output
that is asserted to read external memory on the data bus (D0-D23). Otherwise,
RD is tri-stated.
WR
Output
Tri-stated
Write Enable—When the DSP is the bus master, WR is an active-low output
that is asserted to write external memory on the data bus (D0-D23). Otherwise,
WR is tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com