Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-20
Freescale Semiconductor
2.11
SPDIF Transmitter Digital Audio Interface
2.12
Timer
Table 2-13 Digital Audio Interface (DAX) Signals
Signal
Name
Type
State During
Reset
Signal Description
ACI
Input
GPIO
Disconnected
Audio Clock Input—This is the DAX clock input. When programmed to use
an external clock, this input supplies the DAX clock. The external clock
frequency must be 256, 384, or 512 times the audio sampling frequency
(256
× Fs, 384 × Fs or 512 × Fs, respectively).
PD0
Input, output, or
disconnected
GPIO
Disconnected
Port D 0—When the DAX is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
ADO
Output
GPIO
Disconnected
Digital Audio Data Output—This signal is an audio and non-audio output
in the form of AES/EBU, CP340 and IEC958 data in a biphase mark format.
PD1
Input, output, or
disconnected
GPIO
Disconnected
Port D 1—When the DAX is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Table 2-14 Timer Signal
Signal
Name
Type
State during
Reset
Signal Description
TIO0
Input or Output
Input
Timer 0 Schmitt-Trigger Input/Output—When timer 0 functions as an
external event counter or in measurement mode, TIO0 is used as input.
When timer 0 functions in watchdog, timer, or pulse modulation mode, TIO0
is used as output.
The default mode after reset is GPIO input. This can be changed to output or
configured as a timer input/output through the timer 0 control/status register
(TCSR0). If TIO0 is not being used, it is recommended to either define it as
GPIO output immediately at the beginning of operation or leave it defined as
GPIO input but connected to Vcc through a pull-up resistor in order to ensure
a stable logic level at this input.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com